Electronic Components Datasheet Search
  English  ▼

X  

SC185HEVB Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC185HEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185HEVB Datasheet(HTML) 3 Page - Semtech Corporation

  SC185HEVB Datasheet HTML 1Page - Semtech Corporation SC185HEVB Datasheet HTML 2Page - Semtech Corporation SC185HEVB Datasheet HTML 3Page - Semtech Corporation SC185HEVB Datasheet HTML 4Page - Semtech Corporation SC185HEVB Datasheet HTML 5Page - Semtech Corporation SC185HEVB Datasheet HTML 6Page - Semtech Corporation SC185HEVB Datasheet HTML 7Page - Semtech Corporation SC185HEVB Datasheet HTML 8Page - Semtech Corporation SC185HEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SC185
© 2010 Semtech Corp.
Electrical Characteristics
Exceeding the absolute maximum ratings may result in permanent damage to the device and/or device malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
Notes:
(7) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(8) Tested according to JEDEC standard JESD22-A114-B.
(9) Due to parasitic board inductance, the transient LX pin voltage at the point of measurement may appear larger than that which exists on silicon. The device is
designed to tolerate the short duration transient voltages that will appear on the LX pin due to the deadtime diode conduction, for inductor currents up to the
current limit setting of the device.
Recommended Operating Conditions
Supply Voltage PVIN and AVIN …………………… 2.9 to 5.5V
Maximum Output Current
………………………………… 4.0A
Temperature Range …………………………… -40 to +85˚C
Input Capacitor ………………………………………… 22uF
Output Capacitor ……………………… 47uF (or 2 x 22uF)
Output Inductor ……………………………………… 1.0uH
Thermal Resistance, Junction to Ambient(7) ………… 40 °C/W
Thermal Resistance, Junction to Case …………… 7 °C/W
Maximum Junction Temperature …………………… +150°C
Storage Temperature Range ………………… -65 to +150 °C
Thermal Information
PVIN and AVIN Supply Voltages ………………… -0.3 to 6.0V
LX Voltage(9) …………………… -0.3 to PVIN+0.3V, 6V Max
VOUT Voltage …………………………… -0.3 to AVIN+0.3V
CTLx pins Voltages ……………………… -0.3 to AVIN+0.3V
Peak IR Reflow Temperature …………………………. 260°C
ESD Protection Level(8) …………………………………. 3kV
Unless specified: PVIN= AVIN= 5.0V, VOUT= 1.50V, C
IN= 22µF, COUT= 2 x 22µF; L= 1.0µH; -40°C≤ TJ ≤ +125 °C; Unless otherwise noted typical values are TA= +25 °C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout
UVLO
Rising AVIN, PVIN=AVIN
2.70
2.80
2.90
V
Hysteresis
300
mV
Output Voltage Tolerance(10)
ΔV
OUT
PVIN= AVIN= 2.9 – 5.5V; I
OUT=0A
-1.25
+1.25
%
Current Limit
I
LIMIT
Peak LX current
5.0
6.0
7.0
A
Supply Current
I
Q
No load, MODE= High
12
mA
No load, MODE= Low
100
µA
Shutdown Current
I
SHDN
EN= AGND
1
10
µA
High Side Switch Resistance(11)
R
DSON_P
I
LX= 100mA, TJ= 25 °C
50
mΩ
Low Side Switch Resistance(11)
R
DSON_N
I
LX= -100mA, TJ= 25 °C
35
L
X Leakage Current
(11)
I
LK(LX)
PVIN= AVIN= 5.5V; LX= 0V; EN= AGND
1
10
µA
PVIN= AVIN= 5.5V; LX= 5.0V; EN= AGND
-20
-1
Load Regulation
ΔV
LOAD-REG
PVIN= AVIN= 5.0V, MODE=Hi, I
OUT=1mA – 4A
±0.3
%
Oscillator Frequency
f
OSC
1.275
1.5
1.725
MHz
Soft-Start Charging Current(11)
I
SS
+5
µA
Foldback Holding Current
I
CL_HOLD
Average LX Current
1
A
Absolute Maximum Ratings
www.semtech.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com