Electronic Components Datasheet Search
  English  ▼

X  

SC283 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC283
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC283 Datasheet HTML 6Page - Semtech Corporation SC283 Datasheet HTML 7Page - Semtech Corporation SC283 Datasheet HTML 8Page - Semtech Corporation SC283 Datasheet HTML 9Page - Semtech Corporation SC283 Datasheet HTML 10Page - Semtech Corporation SC283 Datasheet HTML 11Page - Semtech Corporation SC283 Datasheet HTML 12Page - Semtech Corporation SC283 Datasheet HTML 13Page - Semtech Corporation SC283 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SC283
© 2010 Semtech Corp.
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VINA
Channel A. Input supply voltage for the converter power stage and internal circuitry.
2
LXA
Switching node of Channel A - connect an inductor between this pin and the output capacitor.
3, 13, T1
GNDA
Channel A. Ground connection for converter power stage and internal circuitry.
4, 12, T2
GNDB
Channel B. Ground connection for converter power stage and internal circuitry.
5
CTL3B
Channel B. Control bit 3 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
6
CTL2B
Channel B. Control bit 2 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
7
CTL1B
Channel B. Control bit 1 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
8
CTL0B
Channel B. Control bit 0 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
9
VOUTB
Output voltage sense pin of Channel B.
10
VINB
Channel B. Input supply voltage for the converter power stage and internal circuitry.
11
LXB
Switching node of Channel B - connect an inductor between this pin and the output capacitor.
14
CTL3A
Channel A. Control bit 3 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
15
CTL2A
Channel A. Control bit 2 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
16
CTL1A
Channel A. Control bit 1 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
17
CTL0A
Channel A. Control bit 0 - see Table 1 for decoding. This pin has a 1 MΩ internal pulldown resistor. This resis-
tor is switched in circuit whenever the pin voltage is below the input high threshold, or when the part is in
undervoltage lockout.
18
VOUTA
Output voltage sense pin of Channel A.
www.semtech.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com