Electronic Components Datasheet Search
  English  ▼

X  

SC283 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC283
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC283 Datasheet HTML 11Page - Semtech Corporation SC283 Datasheet HTML 12Page - Semtech Corporation SC283 Datasheet HTML 13Page - Semtech Corporation SC283 Datasheet HTML 14Page - Semtech Corporation SC283 Datasheet HTML 15Page - Semtech Corporation SC283 Datasheet HTML 16Page - Semtech Corporation SC283 Datasheet HTML 17Page - Semtech Corporation SC283 Datasheet HTML 18Page - Semtech Corporation SC283 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SC283
© 2010 Semtech Corp.
Applications Information (continued)
minimum gap possible to limit the distance that magnetic
fields can radiate from the inductor. However shielded
inductors typically have a higher DCR and are thus less
efficient than a similarly sized non-shielded inductor.
Final inductor selection depends on various design
considerations such as efficiency, EMI, size, and cost.
Table 2 lists the manufacturers of recommended inductor
options. The saturation characteristics and DC current
ratings are also shown.
Manufacturer
Part Number
L
(μH)
DCR
Max
(Ω)
Rated
Current
(A)
L at
Rated
Current
(μH)
Dimen-
sions
LxWxH
(mm)
TOKO
1071AS-2R2M
2.20±20% 0.060
1.80
1.54
2.8x3.0x1.5
TOKO
1071AS-1R0N
1.00±30% 0.040
2.70
0.70
2.8x3.0x1.5
TOKO
1127AS-2R2M
2.20±20% 0.048
2.50
1.54
3.5x3.7x1.8
Panasonic
ELLVGG1R0N
1.00±23% 0.062
2.20
0.70
3.2x3.2x1.5
Table 2 – Recommended Inductors
C
OUT Selection
The internal voltage loop compensation in the SC283
limits the minimum output capacitor value to 22µF if
using a 2.2µH inductor or 44µF if using a 1µH inductor.
This is due to its influence on the the loop crossover
frequency, phase margin, and gain margin. Increasing
the output capacitor above this minimum value will
reduce the crossover frequency and provide greater
phase margin. The total output capacitance should not
exceed 50µF to avoid any start-up problems. For most
typical applications it is recommended to use an output
capacitance of 22µF to 44µF. When choosing the output
capacitor’s capacitance, verify the voltage derating effect
from the capacitor vendor’s data sheet.
Capacitors with X7R or X5R ceramic dielectric are
recommended for their low ESR and superior temperature
and voltage characteristics. Y5V capacitors should not
be used as their temperature coefficients make them
unsuitable for this application.
The output voltage droop due to a load transient is deter-
mined by the capacitance of the ceramic output capacitor.
The ceramic capacitor supplies the load current initially
until the loop responds. Within a few switching cycles the
loop will respond and the inductor current will increase to
match the required load. The output voltage droop during
the period prior to the loop responding can be related to
the choice of output capacitor by the relationship from
Equation 4.
OSC
DROOP
LOAD
OUT
f
V
I
C
⋅
∆
⋅
=
3
(4)
The outputcapacitorRMSripplecurrentmaybecalculated
from Equation 5.
(
)


⋅
⋅
−
⋅
=
IN
OSC
OUT
MAX
IN
OUT
RMS
COUT
V
f
L
V
V
V
I
)
(
)
(
3
2
1
(5)
Table 3 lists the manufacturers of recommended output
capacitor options.
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Value
at
3.3V
(μF)
Dimensions
LxWxH
(mm)
Murata
GRM21BR60J106K
10±10%
X5R
6.3
4.74
2.0x1.25x1.25
(EIA:0805)
Murata
GRM219R60J106K
10±10%
X5R
6.3
4.05
2.0x1.25x0.85
(EIA:0805)
Murata
GRM21BR60J226M
22±20%
X5R
6.3
6.57
2.0x1.25x1.25
(EIA:0805)
Murata
GRM31CR60J476M
47±20%
X5R
6.3
20.3
3.2x1.6x1.6
(EIA:1206)
Table 3 – Recommended Capacitors
C
IN Selection
The SC283 source input current is a DC supply current
with a triangular ripple imposed on it. To prevent large
input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 10μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. It
should be noted a 10µF, 6.3V, X5R ceramic capacitor with
5V DC applied may exhibit a capacitance as low as 4.5µF.
www.semtech.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com