Electronic Components Datasheet Search
  English  ▼

X  

SC414MLTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC414MLTRT
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414MLTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC414MLTRT Datasheet HTML 11Page - Semtech Corporation SC414MLTRT Datasheet HTML 12Page - Semtech Corporation SC414MLTRT Datasheet HTML 13Page - Semtech Corporation SC414MLTRT Datasheet HTML 14Page - Semtech Corporation SC414MLTRT Datasheet HTML 15Page - Semtech Corporation SC414MLTRT Datasheet HTML 16Page - Semtech Corporation SC414MLTRT Datasheet HTML 17Page - Semtech Corporation SC414MLTRT Datasheet HTML 18Page - Semtech Corporation SC414MLTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
SC414/SC424
15
This method automatically produces an on-time that is
proportional to V
OUT
and inversely proportional to V
IN
.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC414/SC424 uses an external resistor to set the on-
time which indirectly sets the frequency. The on-time can
be programmed to provide an operating frequency from
200kHz to 1MHz using a resistor between the TON pin and
ground. The resistor value is
selected by the following
equation.
OUT
IN
SW
TON
V
V
400
f
pF
25
1
R
The maximum R
TON
value allowed is shown by the follow-
ing equation.
A
5
.
1
10
V
R
MIN
_
IN
MAX
_
TON
Immediately after the on-time, the DL (drive signal for the
low side FET) output drives high to turn on the low-side
MOSFET. DL has a minimum high time of ~320ns, after
which DL continues to stay high until one of the following
occurs:
VFB falls below the 750mV reference
The Zero Cross Detector senses that the voltage
on the LX node is below ground. Power Save is
activated when a zero crossing is detected.
TON limitations and V5V Supply Voltage
For V5V below 4.5V, the TON accuracy may be limited by
the input voltage.
The original RTON equation is accurate if V
IN
satisfies the
below relation over the entire V
IN
range:
V
IN < (V5V - 1.6V) x 10
If V
IN
exceeds (V5V - 1.6V) x 10, for all or part of the V
IN
range, the RTON equation is not accurate. In all cases
where V
IN
> (V5V - 1.6V) x 10, the RTON equation must be
modified as follows.
•
•
OUT
SW
TON
V
10
1.6V)
(V5V
400
f
25pF
1
R
Note that when V
IN
> (V5V - 1.6V) x 10 , the actual on-time
is fixed and does not vary with V
IN
. When operating in this
condition, the switching frequency will vary inversely with
V
IN
rather than approximating a fixed frequency.
V
OUT
Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT
as seen through a resistor divider at the FB pin to the
internal 750mV reference voltage (see Figure 3).
R1
VOUT
To FB pin
R2
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT
is offset by the output ripple according to the
following equation.
2
V
R
R
1
75
.
0
V
RIPPLE
2
1
OUT
When a large capacitor is placed in parallel with R1 (C
TOP
)
V
OUT
is shown by the following equation.
2
TOP
1
2
1
2
2
TOP
1
RIPPLE
2
1
OUT
C
R
R
R
R
1
)
C
R
(
1
2
V
R
R
1
75
.
0
V
Where
ω is the angular switching frequency.
Enable and Power-save Inputs
The EN/PSV and ENL inputs are used to enable or disable
the switching regulator and the LDO. When EN/PSV is low
(grounded), the switching regulator is off and in its lowest
power state. When off, the output of the switching regula-
tor soft-discharges the output into a 10Ω internal resistor
via the VOUT pin. When EN/PSV is allowed to float, the pin
voltage will float to 33% of the voltage at V5V. The switch-
ing regulator turns on with power-save disabled and all
switching is in forced continuous mode. For V5V < 4.5V, it
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com