Electronic Components Datasheet Search
  English  ▼

X  

SC414MLTRT Datasheet(PDF) 28 Page - Semtech Corporation

Part # SC414MLTRT
Description  6A Integrated FET Regulator with 5V LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC414MLTRT Datasheet(HTML) 28 Page - Semtech Corporation

Back Button SC414MLTRT Datasheet HTML 21Page - Semtech Corporation SC414MLTRT Datasheet HTML 22Page - Semtech Corporation SC414MLTRT Datasheet HTML 23Page - Semtech Corporation SC414MLTRT Datasheet HTML 24Page - Semtech Corporation SC414MLTRT Datasheet HTML 25Page - Semtech Corporation SC414MLTRT Datasheet HTML 26Page - Semtech Corporation SC414MLTRT Datasheet HTML 27Page - Semtech Corporation SC414MLTRT Datasheet HTML 28Page - Semtech Corporation SC414MLTRT Datasheet HTML 29Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
SC414/SC424
28
Outline Drawing — MLPQ-4x4-28
LxN
bxN
1.29
D/2
E1
D1
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
2.
1.
E
AD
B
PIN 1
INDICATOR
(LASER MARK)
A1
aaa
C
A2
C
SEATING
PLANE
1
2
N
R 0.20
PIN 1
IDENTIFICATION
e
bbb
C
A B
D1
E/2
1.45±0.10
0.73±0.10
2.58
1.29
A
MILLIMETERS
0.45 BSC
0.00
2.48
0.30
3.90
3.90
0.96
-
0.17
DIMENSIONS
0.80
MIN
-
0.05
4.10
4.10
2.68
1.16
0.50
0.29
2.58
0.40
0.10
0.08
28
4.00
(0.20)
1.06
4.00
0.23
-
1.00
MAX
-
NOM
A1
E1
aaa
bbb
N
e
L
A2
D1
D
E
b
DIM
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com