Electronic Components Datasheet Search
  English  ▼

X  

SC419 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 16Page - Semtech Corporation SC419 Datasheet HTML 17Page - Semtech Corporation SC419 Datasheet HTML 18Page - Semtech Corporation SC419 Datasheet HTML 19Page - Semtech Corporation SC419 Datasheet HTML 20Page - Semtech Corporation SC419 Datasheet HTML 21Page - Semtech Corporation SC419 Datasheet HTML 22Page - Semtech Corporation SC419 Datasheet HTML 23Page - Semtech Corporation SC419 Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SC419
20
Applications Information (continued)
Switching Frequency Variations
The switching frequency will vary depending on line and
load conditions. The line variations are a result of fixed
propagation delays in the on-time one-shot, as well as
unavoidable delays in the external MOSFET switching. As
V
IN increases, these factors make the actual DH on-time
slightly longer than the ideal on-time. The net effect is
that frequency tends to falls slightly with increasing input
voltage.
The switching frequency also varies with load current as a
result of the power losses in the MOSFETs and the induc-
tor. For a conventional PWM constant-frequency con-
verter, as load increases the duty cycle also increases
slightly to compensate for IR and switching losses in the
MOSFETs and inductor. A adaptive on-time converter
must also compensate for the same losses by increasing
the effective duty cycle (more time is spent drawing
energy from V
IN as losses increase). The on-time is essen-
tially constant for a given V
OUT/VIN combination, to offset
the losses the off-time will tend to reduce slightly as load
increases. The net effect is that switching frequency
increases slightly with increasing load.
PCB Layout Guidelines
As with any switch-mode converter, good PCB layout is
essential to achieving high performance. The following
guidelines will provide an optimum PCB layout.
The device layout can be considered in four parts;
Grounding for PGND and AGND
Power Components
Low-noise Analog Circuits
Bypass capacitors
Grounding
A ground plane layer for PGND is recommended
to minimize the effects of switching noise, resis-
tive losses, and to maximize heat removal from
the power components.
A separate ground plane or island should be used
for AGND and all associated components. The
AGND island should avoid overlapping the switch-
ing signals on other layers (DH/DL/BST/LX).
•
•
•
•
•
•
Connect PGND and AGND together with a zero
ohm resistor or copper trace. Make the connec-
tion near the AGND and PGND pins of the IC.
Power Components
Use short, wide connections between the power compo-
nents:
Input capacitors and high-side MOSFETs
High-side and Low-side MOSFETs and inductor
(LX connection). Use wide copper traces to
provide high current carrying capacity and for
heat dissipation.
Inductor and output capacitors
All PGND connections — the input capacitors,
low-side MOSFETs, output capacitors, and the
PGND pin of the SC419.
An inner layer ground plane is recom-
mended.
Each component should have a good,
low impedance connection to the ground
plane.
Place vias to the PGND plane directly near
the component pins.
Use short wide traces for the pin connections
from the SC419 (LX, DH, DL and BST). Do not
route these traces near the sensitive analog
signals (FB, TON, V
OUT).
Low-Noise Analog Circuits
Low-noise analog circuits are sensitive circuits that are
referenced to AGND. Due to their high impedance and
sensitivity to noise, it is important that these circuits be
kept away from the switching signals.
Use a ground plane or solid copper area for
AGND. Place all components connected to
AGND above this area.
Use short direct traces for the AGND con-
nections to all components.
Place vias to the AGND plane directly near
the component pins.
Proper routing of the V
OUT sense trace is essential
since it feeds into the FB resistor divider. Noise
on the FB waveform will cause instability and
multiple pulsing.
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com