Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC417EVB Datasheet HTML 1Page - Semtech Corporation SC417EVB Datasheet HTML 2Page - Semtech Corporation SC417EVB Datasheet HTML 3Page - Semtech Corporation SC417EVB Datasheet HTML 4Page - Semtech Corporation SC417EVB Datasheet HTML 5Page - Semtech Corporation SC417EVB Datasheet HTML 6Page - Semtech Corporation SC417EVB Datasheet HTML 7Page - Semtech Corporation SC417EVB Datasheet HTML 8Page - Semtech Corporation SC417EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SC417/SC427
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies (continued)
V5V Supply Current
ENL , EN/PSV = 0V
3
7
μA
SC417, EN/PSV = V5V, no load (f
SW
= 25kHz),
V
FB
> 500mV(2)
2
mA
SC427, EN/PSV = V5V, no load, V
FB
> 500mV(2)
0.7
f
SW
= 250kHz, EN/PSV = floating , no load(2)
10
FB On-Time Threshold
Static V
IN
and load, 0 to +85 °C
0.496
0.500
0.504
V
Static V
IN
and load, -40 to +85 °C
0.495
0.505
V
Frequency Range
Continuous mode operation
200
1000
kHz
Minimum f
SW
, (SC417 only), EN/PSV = V5V, no load
25
Bootstrap Switch Resistance
10
Ω
Timing
On-Time
Continuous mode operation,
V
IN
= 15V, V
OUT
= 5V, f
SW
= 300kHz, R
TON
= 133kΩ
999
1110
1220
ns
Minimum On-Time (2)
80
ns
Minimum Off-Time (2)
250
ns
Soft-Start
Soft-Start Ramp Time (2)
850
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Current Sense
Zero-Crossing Detector Threshold
LX - PGND
-3
0
+3
mV
Power Good
Power Good Threshold
Upper limit, V
FB
> internal 500mV reference
+20
%
Lower limit, V
FB
< internal 500mV reference
-10
%
Start-Up Delay Time
2ms
Fault (noise immunity) Delay Time(2)
5μs
Leakage
1μA
Power Good On-Resistance
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com