Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC417EVB Datasheet HTML 16Page - Semtech Corporation SC417EVB Datasheet HTML 17Page - Semtech Corporation SC417EVB Datasheet HTML 18Page - Semtech Corporation SC417EVB Datasheet HTML 19Page - Semtech Corporation SC417EVB Datasheet HTML 20Page - Semtech Corporation SC417EVB Datasheet HTML 21Page - Semtech Corporation SC417EVB Datasheet HTML 22Page - Semtech Corporation SC417EVB Datasheet HTML 23Page - Semtech Corporation SC417EVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
SC417/SC427
20
LDO Regulator
The device features an integrated LDO regulator with a
programmable output voltage from 0.75V to 5.25V using
external resistors. The feedback pin (FBL) for the LDO is
regulated to 750mV. There is also an enable pin (ENL) for
the LDO that provides independent control. The LDO
voltage can also be used to provide the bias voltage for
the switching regulator.
VLDO
To FBL pin
RLDO2
RLDO1
Figure 9 — LDO Start-Up
The LDO output voltage is set by the following equation.
2
LDO
1
LDO
R
R
1
mV
750
VLDO
A minimum capacitance of 1μF referenced to AGND is
normally required at the output of the LDO for stability. If
the LDO is providing bias power to the device, then a
minimum 0.1μF capacitor referenced to AGND is required
along with a minimum 1.0μF capacitor referenced to
PGND to filter the gate drive pulses. Refer to the layout
guidelines section.
LDO Start-up
Before start-up, the LDO checks the status of the following
signals to ensure proper operation can be maintained.
ENL pin
VLDO output
V
IN
input voltage
When the ENL pin is high and V
IN
is above the UVLO point,
the LDO will begin start-up. During the initial phase, when
the LDO output voltage is near zero, the LDO initiates a
current-limited start-up (typically 85mA) to charge the
output capacitor. When V
LDO
has reached 90% of the final
value (as sensed at the FBL pin), the LDO current limit is
increased to ~200mA and the LDO output is quickly driven
to the nominal value by the internal LDO regulator.
1.
2.
3.
VVLDO Final
90% of VVLDO Final
Constant current startup
Voltage regulating with
~200mA current limit
Figure 10 — LDO Start-Up
LDO Switch-Over Operation
The SC417/SC427 includes a switch-over function for the
LDO. The switch-over function is designed to increase
efficiency by using the more efficient DC-DC converter to
power the LDO output, avoiding the less efficient LDO
regulator when possible. The switch-over function con-
nects the VLDO pin directly to the VOUT pin using an
internal switch. When the switch-over is complete the
LDO is turned off, which results in a power savings and
maximizes efficiency. If the LDO output is used to bias the
SC417/SC427, then after switch-over the device is self-
powered from the switching regulator with the LDO
turned off.
The switch-over logic waits for 32 switching cycles before
it starts the switch-over. There are two methods that
determine the switch-over of V
LDO
to V
OUT
.
In the first method, the LDO is already in regulation and
the DC-DC converter is later enabled. As soon as the
PGOOD output goes high, the 32 cycles are started. The
voltages at the VLDO and VOUT pins are then compared;
if the two voltages are within ±300mV of each other, the
VLDO pin connects to the VOUT pin using an internal
switch, and the LDO is turned off.
In the second method, the DC-DC converter is already
running and the LDO is enabled. In this case the 32 cycles
are started as soon as the LDO reaches 90% of its final
value. At this time, the VLDO and VOUT pins are compared,
and if within ±300mV the switch-over occurs and the LDO
is turned off.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com