Electronic Components Datasheet Search
  English  ▼

X  

RF2302 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2302
Description  BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2302 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2302 Datasheet HTML 1Page - RF Micro Devices RF2302 Datasheet HTML 2Page - RF Micro Devices RF2302 Datasheet HTML 3Page - RF Micro Devices RF2302 Datasheet HTML 4Page - RF Micro Devices RF2302 Datasheet HTML 5Page - RF Micro Devices RF2302 Datasheet HTML 6Page - RF Micro Devices RF2302 Datasheet HTML 7Page - RF Micro Devices RF2302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-47
RF2302
Rev A8 010410
4
Gain @ 3.3, 3.0, 2.7V versus VGC
(Frequency 1880MHz @ -8dBm, IS-95 Mod. VPD=2.8V,
VGC=2.2 to 1.4V)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
1.4
1.6
1.8
2.0
2.2
VGC (V)
Gain @ 3.3 V
Gain @3.0 V
Gain @ 2.7 v
Gain @ 3.3, 3.0, 2.7V versus VGC
(Frequency 836MHz @ -6dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V,
VGC=2.2 to 1.4V)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
1.4
1.6
1.8
2.0
2.2
VGC (V)
Gain @ 3.3 V
Gain @ 3.0 V
Gain @ 2.7 V
IGC versus VGC
(Frequency 1880MHz @ -8dBm, VCC=3.0V, VPD=2.8V)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
Igc [UA] @25 C
Igc [UA] @ - 40 C
Igc [UA] @ 85 C
IGC versus VGC
(Frequency 836MHz @ -6dBm, VCC=3.0V, VPD=2.8V)
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
Igc [UA] @25 C
Igc [UA] @ - 40 C
Igc [UA] @ 85 C
IPD versus VPD
(Frequency 836MHz @ -6 dBm, VCC=3.0V, VGC=2.2V)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
VPD (V)
Ipd [mA] @25 C
Ipd [mA] @ - 40 C
Ipd [mA] @ 85 C
IPD versus VPD
(Frequency 1880MHz,VCC=3.0V,VGC=2.2V)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
VPD (V)
Ipd [mA] @25 C
Ipd [mA] @ - 40 C
Ipd [mA] @ 85 C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com