Electronic Components Datasheet Search
  English  ▼

X  

RF2302 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2302
Description  BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2302 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2302 Datasheet HTML 1Page - RF Micro Devices RF2302 Datasheet HTML 2Page - RF Micro Devices RF2302 Datasheet HTML 3Page - RF Micro Devices RF2302 Datasheet HTML 4Page - RF Micro Devices RF2302 Datasheet HTML 5Page - RF Micro Devices RF2302 Datasheet HTML 6Page - RF Micro Devices RF2302 Datasheet HTML 7Page - RF Micro Devices RF2302 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-48
RF2302
Rev A8 010410
4
Gain versus VGC
(Frequency 836MHz @ -6dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V,
VGC=2.2 to 1.0V)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
Gain @ - 40C
Gain @ 25C
Gain @ 85C
Gain versus VGC
(Frequency 1880MHz @ -8dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
Gain @ - 40C
Gain @ 25C
Gain @ 85C
Gain versus VGC
(Frequency 836MHz @ -6dBm, NADC. Mod., VCC=3.0V,
VPD=2.8V)
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
1.01.2
1.41.6
1.82.0
2.2
VGC (V)
Gain @ - 40C
Gain @ 25C
Gain @ 85C
Gain versus VGC
(Frequency 1880MHz @ -8dBm, NADC Mod. VCC=3.0V,
VPD=2.8V)
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
Gain @ - 40C
Gain @ 25C
Gain @ 85C
ACPR versus VGC
(Frequency 1880MHz @ -8dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VGC (V)
ACPR @ 25C
ACPR @ - 40C
ACPR @ 85C
ACPR versus VGC
(Frequency 836MHz @ -6dBm, IS-95 Mod., VCC=3.0V, VPD=2.8V)
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Vgc(V)
ACPR @ 25C
ACPR @ -40C
ACPR @ 85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com