Electronic Components Datasheet Search
  English  ▼

X  

RF2312 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices RF2312 Datasheet HTML 10Page - RF Micro Devices RF2312 Datasheet HTML 11Page - RF Micro Devices RF2312 Datasheet HTML 12Page - RF Micro Devices RF2312 Datasheet HTML 13Page - RF Micro Devices RF2312 Datasheet HTML 14Page - RF Micro Devices RF2312 Datasheet HTML 15Page - RF Micro Devices RF2312 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
3-14
RF2312
Rev C2 010813
3
POUT versus PIN
500 MHz
0.0
5.0
10.0
15.0
20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Output Third Order Intercept Point (OIP3) versus PIN
500 MHz
0.0
10.0
20.0
30.0
40.0
50.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Output P1dB versus Frequency
0.0
5.0
10.0
15.0
20.0
25.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=5.0V, Rc=22
Vcc=6.0V, Rc=22
Vcc=7.0V, Rc=22
Vcc=8.0V, Rc=22
Vcc=9.0V, Rc=30
Vcc=11.0V, Rc=30, Rs=1k
IM3 Products versus POUT
500/501 MHz
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
5.0
10.0
15.0
20.0
25.0
POUT (dBc)
ICC versus Device Voltage
(Pin 8)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
4.04.5
5.05.5
6.06.5
7.07.5
8.0
Device Voltage (V)
Rs=1k
No Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com