Electronic Components Datasheet Search
  English  ▼

X  

RF2312 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2312 Datasheet HTML 2Page - RF Micro Devices RF2312 Datasheet HTML 3Page - RF Micro Devices RF2312 Datasheet HTML 4Page - RF Micro Devices RF2312 Datasheet HTML 5Page - RF Micro Devices RF2312 Datasheet HTML 6Page - RF Micro Devices RF2312 Datasheet HTML 7Page - RF Micro Devices RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices RF2312 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3-6
RF2312
Rev C2 010813
3
Application Schematic
5MHz to 50MHz Reverse Path
Application Schematic
10dB Gain
1
2
3
4
8
7
6
5
RF OUT
RF IN
V
CC
NOTE 1:
Optional resistor R
S can be used to maintain the correct bias level at higher supply voltages. This is used to
increase output capability or linearity for signals with high crest factors.
10 nF
10 nF
10
µH
30
Ω
100 nF
100 nF
R
S
1- 2k
Ω
1
2
3
4
8
7
6
5
RF OUT
RF IN
R5 is used to maintain the correct bias level at higher supply voltages and is also required in this configuration. The RC network of R2
and C3 should be kept physically as short as possible. R2 can be adjusted as required to improve the impedance matching. R6 and
R7 reduce the typical gain by increasing the emitter resistance. L1 should be at least 200
Ω reactive at the lowest operating
frequency. C1 and C2 should be less than 10
Ω at the lowest operating frequency. C4 and C5 improve gain flatness.
V
CC=9 -12 V
C1
220 pF
R5
1-2k
Ω
C3
10 nF
R2
470
Ω
R6
7.5
Ω
R7
7.5
Ω
C2
220 pF
L1
330 nH
R1 = 21 - 30
Ω
C4
TBD
C5
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com