Electronic Components Datasheet Search
  English  ▼

X  

SSTUB32864EC/G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSTUB32864EC/G
Description  1.8 V configurable registered buffer for DDR2-800 RDIMM applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUB32864EC/G Datasheet(HTML) 2 Page - NXP Semiconductors

  SSTUB32864EC/G Datasheet HTML 1Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 2Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 3Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 4Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 5Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 6Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 7Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 8Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SSTUB32864_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 26 March 2007
2 of 19
NXP Semiconductors
SSTUB32864
1.8 V configurable registered buffer for DDR2-800 RDIMM applications
2.
Features
I Configurable register supporting DDR2 Registered DIMM applications
I Configurable to 25-bit 1 : 1 mode or 14-bit 1 : 2 mode
I Controlled output impedance drivers enable optimal signal integrity and speed
I Meets SSTUB32864 JEDEC specification speed performance
I Supports up to 450 MHz clock frequency of operation
I Optimized pinout for high-density DDR2 module design
I Chip-selects minimize power consumption by gating data outputs from changing state
I Supports SSTL_18 data inputs
I Differential clock (CK and CK) inputs
I Supports LVCMOS switching levels on the control and RESET inputs
I Single 1.8 V supply operation (1.7 V to 2.0 V)
I Available in 96-ball, 13.5 mm × 5.5 mm, 0.8 mm ball pitch LFBGA package
3.
Applications
I 400 MT/s to 800 MT/s DDR2 registered DIMMs without parity
4.
Ordering information
Table 1.
Ordering information
Tamb =0 °Cto+70 °C.
Type number
Solder process
Package
Name
Description
Version
SSTUB32864EC/G
Pb-free (SnAgCu
solder ball compound)
LFBGA96
plastic low profile fine-pitch ball grid array package;
96 balls; body 13.5
× 5.5 × 1.05 mm
SOT536-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com