Electronic Components Datasheet Search
  English  ▼

X  

SSTUB32864EC/G Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSTUB32864EC/G
Description  1.8 V configurable registered buffer for DDR2-800 RDIMM applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUB32864EC/G Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSTUB32864EC/G Datasheet HTML 9Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 10Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 11Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 12Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 13Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 14Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 15Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 16Page - NXP Semiconductors SSTUB32864EC/G Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SSTUB32864_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 26 March 2007
13 of 19
NXP Semiconductors
SSTUB32864
1.8 V configurable registered buffer for DDR2-800 RDIMM applications
11.2 Output slew rate measurement
VDD = 1.8 V ± 0.1 V.
All input pulses are supplied by generators having the following characteristics:
PRR
≤ 10 MHz; Z
0 =50 Ω; input slew rate=1V/ns ± 20 %, unless otherwise specified.
(1) CL includes probe and jig capacitance.
Fig 12. Load circuit, HIGH-to-LOW slew measurement
Fig 13. Voltage waveforms, HIGH-to-LOW slew rate measurement
(1) CL includes probe and jig capacitance.
Fig 14. Load circuit, LOW-to-HIGH slew measurement
Fig 15. Voltage waveforms, LOW-to-HIGH slew rate measurement
CL = 10 pF(1)
VDD
OUT
DUT
test point
RL = 50 Ω
002aaa377
VOH
VOL
output
80 %
20 %
dv_f
dt_f
002aaa378
CL = 10 pF(1)
OUT
DUT
test point
RL = 50 Ω
002aaa379
VOH
VOL
80 %
20 %
dv_r
dt_r
output
002aaa380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com