Electronic Components Datasheet Search
  English  ▼

X  

RF2318 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2318
Description  LINEAR BROADBAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2318 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2318 Datasheet HTML 1Page - RF Micro Devices RF2318 Datasheet HTML 2Page - RF Micro Devices RF2318 Datasheet HTML 3Page - RF Micro Devices RF2318 Datasheet HTML 4Page - RF Micro Devices RF2318 Datasheet HTML 5Page - RF Micro Devices RF2318 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary
3-23
RF2318
Rev A2 010228
3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
Ω)
T= 25°C , VCC=9V, Icc=63mA, RC=30Ω,
75
Ω System
Frequency Range
DC to 5000
MHz
1dB Bandwidth
Gain
8
dB
Noise Figure
6
dB
From 30MHz to 2000MHz, -30°C to +70°C
Input VSWR
1.3:1
From 30MHz to 2000 MHz, -30°C to +70°C
1.4:1
From 2000MHz to 4000MHz
1.6:1
From 4000MHz to 5000MHz
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain these VSWRs at the intended oper-
ating frequency range.
Output VSWR
2.0:1
From 30MHz to 1000MHz, -30°C to +70°C
2.6:1
From 1000MHz to 5000MHz
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain these VSWRs at the intended oper-
ating frequency range.
Output IP2
+54
dBm
Tones at 500MHz and 900MHz
Output IP3
TBD
dBm
At 100MHz
+36
+37
dBm
At 500MHz
TBD
dBm
At 900MHz
Output P1dB
TBD
dBm
At 100MHz
18
dBm
At 500MHz
18
dBm
At 900MHz
Saturated Output Power
TBD
dBm
At 100MHz
19
dBm
At 500MHz
18.5
dBm
At 900MHz
Reverse Isolation
15
dB
From 30MHz to 4000MHz
20
dB
From 4000MHz to 5000MHz
CSO
TBD
dB
77 Channels, 36dBmV output/channel
TBD
dB
110 Channels, 36dBmV output/channel
CTB
TBD
dB
77 Channels, 36dBmV output/channel
TBD
dB
110 Channels, 36dBmV output/channel
Cross Modulation
TBD
dB
77 Channels, 36dBmV output/channel
TBD
dB
110 Channels, 36dBmV output/channel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com