Electronic Components Datasheet Search
  English  ▼

X  

RF2318 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2318
Description  LINEAR BROADBAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2318 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2318 Datasheet HTML 1Page - RF Micro Devices RF2318 Datasheet HTML 2Page - RF Micro Devices RF2318 Datasheet HTML 3Page - RF Micro Devices RF2318 Datasheet HTML 4Page - RF Micro Devices RF2318 Datasheet HTML 5Page - RF Micro Devices RF2318 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
3-25
RF2318
Rev A2 010228
3
Evaluation Board Schematic - DC to 3GHz
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - 3GHz to 6GHz
1
2
3
4
8
7
6
5
C1
1nF
50
Ωµstrip
J1
RF IN
C2
1nF
50
Ωµstrip
J2
RF OUT
L1
3.3 uH
R7
120
R8
120
R9
120
R10
120
C4
10 nF
C3
1uF
VCC
2318400-
P1-1
VCC
GND
GND
P1
1
2
3
CON3
1
2
3
4
8
7
6
5
C1
8pF
50
Ωµstrip
J1
RF IN
C2
8pF
50
Ωµstrip
J2
RF OUT
L1
22 nH
R7
120
R8
120
R9
120
R10
120
C4
10 nF
C3
1uF
VCC
2318401-
P1-1
VCC
GND
GND
P1
1
2
3
CON3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com