Electronic Components Datasheet Search
  English  ▼

X  

DAC7568C Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC7568C
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568C Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC7568C Datasheet HTML 13Page - Texas Instruments DAC7568C Datasheet HTML 14Page - Texas Instruments DAC7568C Datasheet HTML 15Page - Texas Instruments DAC7568C Datasheet HTML 16Page - Texas Instruments DAC7568C Datasheet HTML 17Page - Texas Instruments DAC7568C Datasheet HTML 18Page - Texas Instruments DAC7568C Datasheet HTML 19Page - Texas Instruments DAC7568C Datasheet HTML 20Page - Texas Instruments DAC7568C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
200 V/div
m
AV
=5.5V
DD
FromCode:4000h
ToCode:C000h
Rising
Edge
1V/div
TriggerPulse5V/div
InternalReferenceEnabled
Time(2ms/div)
ZoomedRisingEdge
200 V/div
m
AV
=5.5V
DD
FromCode:C000h
ToCode:4000h
Falling
Edge
1V/div
TriggerPulse5V/div
InternalReferenceEnabled
Time(2ms/div)
ZoomedFallingEdge
AV
DD =5.5V
ClockFeedthroughImpulse~0.5nV-s
InternalReferenceEnabled
Time(1ms/div)
Time(4ms/div)
AVDD =5.5V
ExternalReference=2.5V
DAC=ZeroScale
Load=470pF||2kW
ChannelC
~18mVPP
~4mVPP
ChannelD
Time(20ms/div)
AV
=5.5V
DD
ExternalReference=2.5V
DAC=Midscale
Load=470pF||2kW
ChannelsA/B
AVDD
Time(4ms/div)
AV
=5.5V
DD
DAC=ZeroScale
Load=470pF||2kW
ChannelC
ChannelD
~4mVPP
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5V (continued)
Channel-specific information provided as examples. At TA = +25°C, external reference used, DAC output not loaded, and all
DAC codes in straight binary data format, unless otherwise noted.
HALF-SCALE SETTLING TIME:
HALF-SCALE SETTLING TIME:
5V RISING EDGE
5V FALLING EDGE
Figure 54.
Figure 55.
CLOCK FEEDTHROUGH
POWER-ON GLITCH
2MHz, MIDSCALE
RESET TO ZERO SCALE
Figure 56.
Figure 57.
POWER-ON GLITCH
RESET TO MIDSCALE
POWER-OFF GLITCH
Figure 58.
Figure 59.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com