Electronic Components Datasheet Search
  English  ▼

X  

DAC7568C Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7568C
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568C Datasheet(HTML) 2 Page - Texas Instruments

  DAC7568C Datasheet HTML 1Page - Texas Instruments DAC7568C Datasheet HTML 2Page - Texas Instruments DAC7568C Datasheet HTML 3Page - Texas Instruments DAC7568C Datasheet HTML 4Page - Texas Instruments DAC7568C Datasheet HTML 5Page - Texas Instruments DAC7568C Datasheet HTML 6Page - Texas Instruments DAC7568C Datasheet HTML 7Page - Texas Instruments DAC7568C Datasheet HTML 8Page - Texas Instruments DAC7568C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
MAXIMUM
OUTPUT
RELATIVE
DIFFERENTIAL
REFERENCE
VOLTAGE
SPECIFIED
ACCURACY
NONLINEARITY
DRIFT
FULL-SCALE
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
(ppm/°C)
RANGE
RESET TO
LEAD
DESIGNATOR
RANGE
MARKING
DAC8568A
±12
±1
25
2.5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8568A
DAC8568B
±12
±1
25
2.5V
Midscale
TSSOP-16
PW
–40°C to +125°C
DA8568B
DAC8568C
±12
±1
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8568C
DAC8568D
±12
±1
5
5V
Midscale
TSSOP-16
PW
–40°C to +125°C
DA8568D
DAC8168A
±4
±0.5
25
2.5V
Zero
TSSOP-14
PW
–40°C to +125°C
DA8168A
DAC8168C
±4
±0.5
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8168C
DAC7568A
±1
±0.25
25
2.5V
Zero
TSSOP-14
PW
–40°C to +125°C
DA7568A
DAC7568C
±1
±0.25
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA7568C
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
DAC7568/DAC8168/DAC8568
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +AVDD + 0.3
V
VOUT to GND
–0.3 to +AVDD + 0.3
V
VREF to GND
–0.3 to +AVDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
W
Thermal impedance,
θ
JA
+118
°C/W
Thermal impedance,
θ
JC
+29
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com