Electronic Components Datasheet Search
  English  ▼

X  

RF2320 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2320
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2320 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2320 Datasheet HTML 2Page - RF Micro Devices RF2320 Datasheet HTML 3Page - RF Micro Devices RF2320 Datasheet HTML 4Page - RF Micro Devices RF2320 Datasheet HTML 5Page - RF Micro Devices RF2320 Datasheet HTML 6Page - RF Micro Devices RF2320 Datasheet HTML 7Page - RF Micro Devices RF2320 Datasheet HTML 8Page - RF Micro Devices RF2320 Datasheet HTML 9Page - RF Micro Devices RF2320 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Preliminary
3-32
RF2320
Rev A8 010417
3
Evaluation Board Schematic - 50Ω
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Schematic - 75Ω
Drawing 2320400 Rev 1
J2
OUT
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L2
1uH
C2
10 nF
J1
IN
L1
4.7 nH
C1
10 nF
P1
1
2
3
GND
VDD
P1-1
GND
Drawing 2320401 Rev -
J2
OUT
C3
0.5 pF
P1-3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L3
390 nH
C4
1nF
C1
1.5 pF
J1
IN
L2
390 nH
L1
10 nH
R4
10
Ω
C2
10 nF
P1
1
2
3
GND
GND
P1-3
VDD
NOTES:
J1 and J2 are 75
ΩF connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com