Electronic Components Datasheet Search
  English  ▼

X  

RF2320 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2320
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2320 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2320 Datasheet HTML 2Page - RF Micro Devices RF2320 Datasheet HTML 3Page - RF Micro Devices RF2320 Datasheet HTML 4Page - RF Micro Devices RF2320 Datasheet HTML 5Page - RF Micro Devices RF2320 Datasheet HTML 6Page - RF Micro Devices RF2320 Datasheet HTML 7Page - RF Micro Devices RF2320 Datasheet HTML 8Page - RF Micro Devices RF2320 Datasheet HTML 9Page - RF Micro Devices RF2320 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary
3-34
RF2320
Rev A8 010417
3
Gain, OIP3, and OIP2 versus Frequency
VDD-9V, Temp = 25°C, Pin = -8dB
25.0
30.0
35.0
40.0
45.0
50.0
0.0
500.0
1000.0
1500.0
2000.0
Frequency (MHz)
14.0
14.5
15.0
15.5
16.0
16.5
17.0
IP3
IP2
Gain
Gain, OIP3, and OIP2 versus Temperature
VDD-9V, Pin = -8dBm, Freq = 1000MHz
36.0
37.0
38.0
39.0
40.0
41.0
42.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
16.0
16.1
16.2
16.3
16.4
16.5
16.6
16.7
16.8
16.9
17.0
IP3
IP2
Gain
Gain, OIP3, and OIP2 versus Pin
VDD-9V, Temp = 25°C, Freq = 1000MHz
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Pin (dBm)
16.0
16.1
16.2
16.3
16.4
16.5
16.6
16.7
16.8
16.9
17.0
IP3
IP2
Gain
Noise Figure versus Frequency Across Temperature
(VCC=7.0V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
200.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
Frequency (MHz)
-40degC
+25degC
+85degC
Noise Figure versus Frequency Across Temperature
(VCC=9.0V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
200.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
Frequency (MHz)
-40degC
+25degC
+85degC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com