Electronic Components Datasheet Search
  English  ▼

X  

RF2324 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2324
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2324 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2324 Datasheet HTML 1Page - RF Micro Devices RF2324 Datasheet HTML 2Page - RF Micro Devices RF2324 Datasheet HTML 3Page - RF Micro Devices RF2324 Datasheet HTML 4Page - RF Micro Devices RF2324 Datasheet HTML 5Page - RF Micro Devices RF2324 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-116
RF2324
Rev A6 010717
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.0
VDC
Input RF Level
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
RF Frequency Range
150 to 2500
MHz
1880 MHz Performance
Schematic per Evaluation Board, T = 25°C,
RF= 1880MHz, VPD=2.8V
Gain
21
22
23
dB
VCC=3.5V
21
22
23
dB
VCC=3.0V
21
22
23
dB
VCC=2.5V
Output IP3
+ 26
+ 28
+35
dBm
VCC=3.5V
+26
dBm
VCC=3.0V
+25
dBm
VCC=2.5V
Noise Figure
1.8
2.5
dB
VCC=3.5V
1.8
2.5
dB
VCC=3.0V
1.8
2.5
dB
VCC=2.5V
Reverse Isolation
36
dB
VCC=3.5V
36
dB
VCC=3.0V
35
dB
VCC=2.5V
Input VSWR
1.3:1
2.0:1
Output VSWR
1.25:1
2.0:1
Using External LC network used on Evalua-
tion Board
P1dB
14
16
dBm
VCC=3.5V
12.5
14.5
dBm
VCC=3.0V
11
13
dBm
VCC=2.5V
Power Supply
T= 25 °C
Voltage (VCC)
2.5 to 6.0
V
Voltage (VPD)2.7
2.8
2.9
V
Current Consumption
24
33
43
mA
VCC=3.5V; VPD=2.8 V; VPD+VCC - Current
Consumption from VPD is 8.5 mA Typ. @
VPD = 2.8V and 12 mA Max @ VPD =2.9 V
24
31
38
mA
VCC=3.0V; VPD=2.7V; VPD+VCC
29
36
43
mA
VCC=2.5V; VPD=2.9V; VPD+VCC
- Power Down
10
µΑ
VCC=3.5V; VPD ≤ 0.9V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com