Electronic Components Datasheet Search
  English  ▼

X  

RF2324 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2324
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2324 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2324 Datasheet HTML 1Page - RF Micro Devices RF2324 Datasheet HTML 2Page - RF Micro Devices RF2324 Datasheet HTML 3Page - RF Micro Devices RF2324 Datasheet HTML 4Page - RF Micro Devices RF2324 Datasheet HTML 5Page - RF Micro Devices RF2324 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-118
RF2324
Rev A6 010717
4
Application Schematic:
~1880 MHz Operation, Internal Collector Bias
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
1.0 pF
22 0 p F
22 0 p F
V P D (2 .8 V +/-0 .1V )
10 nF
VC C
10 pF
RF IN
VO U T
NC
4.7 n H
10 nF
1
2
3
4
8
7
6
5
50
Ω µstrip
C3
10 pF
PD
J1
RF IN
C2
10 nF
C1
220 pF
C4
1pF
L1
4.7 nH
VCC
50
Ω µstrip
J2
RF OUT
C5
220 pF
C6
10 nF
2324400A
R1
0
Ω
P1
P1-1
1
2
3
P1-3
C7
4.7
µF
VCC
GND
VPD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com