Electronic Components Datasheet Search
  English  ▼

X  

RF2338 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2338
Description  GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2338 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2338 Datasheet HTML 1Page - RF Micro Devices RF2338 Datasheet HTML 2Page - RF Micro Devices RF2338 Datasheet HTML 3Page - RF Micro Devices RF2338 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-161
RF2338
Rev A5 010228
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Pin
Function
Description
Interface Schematic
1GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
2GND
Same as pin 1.
3RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking
capacitor, suitable for the frequency of operation, should be used in
most applications. DC coupling of the input is not allowed, because this
will override the internal feedback loop and cause temperature instabil-
ity.
4GND
Same as pin 1.
5RF OUT
RF output and bias pin. Biasing is accomplished with an external series
resistor and choke inductor to VCC. The resistor is selected to set the
DC current into this pin to a desired level. The resistor value is deter-
mined by the following equation:
Care should also be taken in the resistor selection to ensure that the
current into the part never exceeds 75mA over the planned oper-
ating temperature. This means that a resistor between the supply and
this pin is always required, even if a supply near 3.6V is available, to
provide DC feedback to prevent thermal runaway. Because DC is
present on this pin, a DC blocking capacitor, suitable for the frequency
of operation, should be used in most applications. The supply side of
the bias network should also be well bypassed.
R
V
SUPPL Y
V
DEVI CE
–
()
I
CC
-------------------------------------------------------
=
RF OUT
RF IN
1
2
3
5
4
C2
100 pF
C1
100 pF
50
Ωµstrip
50
Ωµstrip
J2
RF OUT
J1
RF IN
L1
100 nH
R1
22
Ω
VCC
P1-1
C3
100 pF
C4
1
µF
233X410-
P1
1
2
3
P1-1
VCC
GND
NC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com