Electronic Components Datasheet Search
  English  ▼

X  

RF2338 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2338
Description  GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2338 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2338 Datasheet HTML 1Page - RF Micro Devices RF2338 Datasheet HTML 2Page - RF Micro Devices RF2338 Datasheet HTML 3Page - RF Micro Devices RF2338 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ü
4-159
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
5
4
RF OUT
GND
GND
GND
RF IN
RF2338
GENERAL PURPOSE AMPLIFIER
• Broadband, Low Noise Gain Blocks
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Final PA for Low Power Applications
• Broadband Test Equipment
The RF2338 is a general purpose, low-cost RF amplifier
IC. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as an easily-cas-
cadable 50
Ω gain block. Applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 6000MHz.
The device is self-contained with 50
Ω input and output
impedances and requires only two external DC biasing
elements to operate as specified. The RF2338 is avail-
able in a very small industry-standard SOT 5-lead surface
mount package, enabling compact designs which con-
serve board space.
• DC to 6000MHz Operation
• Internally Matched Input and Output
• 12dB Small Signal Gain
• +24dBm Output IP3
• +11dBm Output Power
• Single Positive Power Supply
RF2338
General Purpose Amplifier
RF2338 PCBA
Fully Assembled Evaluation Board
4
Rev A5 010228
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5 Lead


Similar Part No. - RF2338

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2333 RFMD-RF2333 Datasheet
84Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2333PCBA RFMD-RF2333PCBA Datasheet
84Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334 Datasheet
40Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2334PCBA RFMD-RF2334PCBA Datasheet
40Kb / 4P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2338

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com