Electronic Components Datasheet Search
  English  ▼

X  

RF2362 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2362 Datasheet HTML 1Page - RF Micro Devices RF2362 Datasheet HTML 2Page - RF Micro Devices RF2362 Datasheet HTML 3Page - RF Micro Devices RF2362 Datasheet HTML 4Page - RF Micro Devices RF2362 Datasheet HTML 5Page - RF Micro Devices RF2362 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-196
RF2362
Rev A4 010720
4
Application Schematic:
~1880 MHz Operation, Internal Collector Bias
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
5
4
10 pF
J1
RF IN
220 pF
10 nF
R1
0
Ω
VPD
4.7 nH
1pF
220 pF
10 nF
VCC
J2
RF OUT
1
2
3
5
4
C3
4pF
50
Ωµstrip
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
Ω
VPD
50
Ωµstrip
C4
1pF
50
Ωµstrip
J2
RF OUT
L1
4.7 nH
C5
220 pF
C6
10 nF
VCC
P1
1
2
3
P1-1
VPD
GND
VCC
C7
4.7
µF
2362400-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com