Electronic Components Datasheet Search
  English  ▼

X  

RF2362 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2362 Datasheet HTML 1Page - RF Micro Devices RF2362 Datasheet HTML 2Page - RF Micro Devices RF2362 Datasheet HTML 3Page - RF Micro Devices RF2362 Datasheet HTML 4Page - RF Micro Devices RF2362 Datasheet HTML 5Page - RF Micro Devices RF2362 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
4-193
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
5
4
RF IN
G ND1
VPD
R F O U T
G ND2
RF2362
PCS CDMA/TDMA 3V
PA DRIVER AMPLIFIER
• TDMA/CDMA/FM PCS Tx Amplifier
• Low Noise Transmit Driver Amplifier
• 2.4GHz WLAN Systems
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2362 is a low noise CDMA/TDMA PA driver ampli-
fier with a very high dynamic range designed for transmit
digital PCS applications at 1880 MHz. The device func-
tions as an outstanding PA driver amplifier in the transmit
chain of digital subscriber units where low transmit noise
power is a concern. The IC includes a power down fea-
ture that can be used to completely turn off the device.
The IC is featured in a standard SOT 5-lead plastic pack-
age.
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 150MHz to 2500MHz Operation
• Extremely Small SOT23-5 Package
RF2362
PCS CDMA/TDMA 3V PA Driver Amplifier
RF2362 PCBA
Fully Assembled Evaluation Board
4
Rev A4 010720
1
1.60
+0.01
0.400
2.80
+0.20
2.90
+0.10
0.45
+0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5-Lead Package


Similar Part No. - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2362 RFMD-RF2362 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA-41X RFMD-RF2362PCBA-41X Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com