Electronic Components Datasheet Search
  English  ▼

X  

RF2365 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2365
Description  3V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2365 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2365 Datasheet HTML 1Page - RF Micro Devices RF2365 Datasheet HTML 2Page - RF Micro Devices RF2365 Datasheet HTML 3Page - RF Micro Devices RF2365 Datasheet HTML 4Page - RF Micro Devices RF2365 Datasheet HTML 5Page - RF Micro Devices RF2365 Datasheet HTML 6Page - RF Micro Devices RF2365 Datasheet HTML 7Page - RF Micro Devices RF2365 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-217
RF2365
Rev A4 001201
4
Pin
Function
Description
Interface Schematic
1RF IN
RF input pin. This pin is DC coupled.
2GND1
Ground connection. See evaluation board schematic notes.
3PD
Power down pin. This pin serves as the interstage for the 2-stage LNA.
An inductor is required to pull pin 3 to VCC (see application schematic).
If desired, this voltage can be lowered to trade off IP3 versus ICC,TOTAL.
(See table below.)
4GND2
Ground connection. See evaluation board schematic notes.
5RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be
biased to either VCC or pin 4 through a choke or matching inductor.
This pin is typically matched to 50
Ω with a shunt bias/matching induc-
tor and series blocking/matching capacitor. Refer to application sche-
matics.
R1
IIP3
ICC
0
Ω
+4.0dBm
8.0mA
75
Ω
+2.0dBm
6.5mA
150
Ω
-3.5dBm
5.0mA
GND1
RF IN
PD
To Bias
Circuit
PD
To RF
Stages
To Bias
Circuit
GND2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com