Electronic Components Datasheet Search
  English  ▼

X  

RF2365 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2365
Description  3V LOW NOISE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2365 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2365 Datasheet HTML 1Page - RF Micro Devices RF2365 Datasheet HTML 2Page - RF Micro Devices RF2365 Datasheet HTML 3Page - RF Micro Devices RF2365 Datasheet HTML 4Page - RF Micro Devices RF2365 Datasheet HTML 5Page - RF Micro Devices RF2365 Datasheet HTML 6Page - RF Micro Devices RF2365 Datasheet HTML 7Page - RF Micro Devices RF2365 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4-218
RF2365
Rev A4 001201
4
Application Schematic - 1.9GHz
Application Schematic - 2.4GHz
5
4
3
2
1
3.9 nH
47 pF
1 pF
V
CC
22 nF
3.3 nH
47 pF
EN
0
RF OUT
RF IN
5
4
3
2
1
3.9 nH
22 pF
1.5 pF
V
CC
RF OUT
22 nF
RF IN
2.2 nH
22 pF
EN
NOTES:
* R1 is left open.
R1*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com