Electronic Components Datasheet Search
  English  ▼

X  

RF2367 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2367
Description  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2367 Datasheet HTML 1Page - RF Micro Devices RF2367 Datasheet HTML 2Page - RF Micro Devices RF2367 Datasheet HTML 3Page - RF Micro Devices RF2367 Datasheet HTML 4Page - RF Micro Devices RF2367 Datasheet HTML 5Page - RF Micro Devices RF2367 Datasheet HTML 6Page - RF Micro Devices RF2367 Datasheet HTML 7Page - RF Micro Devices RF2367 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
4-198
RF2367
Rev A1 010619
4
Gain versus VCC
VPD = 2.8 V, Frequency = 1880 MHz
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
2.53.0
3.54.0
4.55.0
5.56.0
VCC (V)
Gain, -30º
Gain, 25º
Gain, 85º
OIP3 versus VCC
VPD = 2.8 V, Frequency = 1880 MHz
25.0
26.0
27.0
28.0
29.0
30.0
31.0
2.53.0
3.54.0
4.55.0
5.56.0
VCC (V)
OIP3, -30º
OIP3, 25º
OIP3, 85º
Noise Figure versus VCC
VPD = 2.8 V, Frequency = 1880 MHz
1.5
2.0
2.5
3.0
3.5
2.53.0
3.54.0
4.55.0
5.56.0
VCC (V)
NF, -30º
NF, 25º
NF, 85º
Output P1dB versus VCC
VPD = 2.8 V, Frequency = 1880 MHz
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
2.53.0
3.54.0
4.55.0
5.56.0
VCC (V)
OP1dB, -30º
OP1dB, 25º
OP1dB, 85º
ICC versus VCC
VPD = 2.8 V, Frequency = 1880 MHz
25.0
27.0
29.0
31.0
33.0
35.0
37.0
39.0
41.0
43.0
2.53.0
3.54.0
4.55.0
5.56.0
VCC (V)
Icc+Ipd, -30º
Icc+Ipd, 25º
Icc+Ipd, 85º
Gain versus VPD
VCC = 3.0 V, Frequency = 1880MHz
20.5
21.0
21.5
22.0
22.5
23.0
2.70
2.75
2.80
2.85
2.90
VPD (V)
Gain, -30º
Gain, 25º
Gain, 85º



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com