Electronic Components Datasheet Search
  English  ▼

X  

RF2367 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2367
Description  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2367 Datasheet HTML 1Page - RF Micro Devices RF2367 Datasheet HTML 2Page - RF Micro Devices RF2367 Datasheet HTML 3Page - RF Micro Devices RF2367 Datasheet HTML 4Page - RF Micro Devices RF2367 Datasheet HTML 5Page - RF Micro Devices RF2367 Datasheet HTML 6Page - RF Micro Devices RF2367 Datasheet HTML 7Page - RF Micro Devices RF2367 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
4-199
RF2367
Rev A1 010619
4
OIP3 versus VPD
VCC = 3.0 V, Frequency = 1880 MHz
25.50
26.00
26.50
27.00
27.50
28.00
28.50
29.00
29.50
30.00
30.50
2.70
2.75
2.80
2.85
2.90
VPD (V)
OIP3, -30º
OIP3, 25º
OIP3, 85º
Noise FigureversusVPD
VCC = 3.0 V, Frequency = 1880 MHz
1.00
1.50
2.00
2.50
3.00
3.50
2.70
2.75
2.80
2.85
2.90
VPD (V)
NF, -30º
NF, 25º
NF, 85º
Output P1dB versus VPD
VCC = 3.0 V, Frequency = 1880 MHz
12.60
12.80
13.00
13.20
13.40
13.60
13.80
14.00
14.20
2.70
2.75
2.80
2.85
2.90
VPD (V)
OP1dB, -30º
OP1dB, 25º
OP1dB, 85º
IPD versus VPD
VCC = 3.0 V, Frequency = 1880 MHz
8.20
8.40
8.60
8.80
9.00
9.20
9.40
9.60
9.80
10.00
10.20
2.70
2.75
2.80
2.85
2.90
VPD (V)
Ipd, -30º
Ipd, 25º
Ipd, 85º
Gain versus Frequency
VCC =3.0 V, VPD =2.8 V
20.0
20.5
21.0
21.5
22.0
22.5
23.0
1850.0
1860.0
1870.0
1880.0
1890.0
1900.0
1910.0
Frequency (MHz)
Gain, -30º
Gain, 25º
Gain, 85º
Input Impedance versus Frequency
VCC =3.0 V, VPD =2.8 V
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
1850.00
1860.00
1870.00
1880.00
1890.00
1900.00
1910.00
Frequency (MHz)
S11, -30º
S11, 25º
S11, 85º



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com