Electronic Components Datasheet Search
  English  ▼

X  

RF2436 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2436
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2436 Datasheet HTML 1Page - RF Micro Devices RF2436 Datasheet HTML 2Page - RF Micro Devices RF2436 Datasheet HTML 3Page - RF Micro Devices RF2436 Datasheet HTML 4Page - RF Micro Devices RF2436 Datasheet HTML 5Page - RF Micro Devices RF2436 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9-25
RF2436
Rev A2 010717
9
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Pin
Function
Description
Interface Schematic
1RX OUT
Output pin for Receive mode. VSWR is 1.1:1 when Receive mode is
selected and highly capacitive when Transmit mode is selected.
2GND
Ground connection. For best performance, keep traces physically short
and connect immediately to the ground plane.
3TX IN
Input pin for Transmit mode. The input VSWR is 1.1:1 when Transmit
mode is selected and highly capacitive when Receive mode is
selected.
4TX/RX
Transmit Mode/Receive Mode control pin. A “low” level chooses
Receive mode; a “high” level chooses Transmit mode. CMOS logic may
be used to drive the control input.
5ANT I/O
Input/Output pin from/to antenna and power supply pin. This pin must
be biased with VDD through a resistor.
2436400-
1
2
3
5
4
C1
1nF
C2
1nF
C3
1nF
50
Ωµstrip
TX/RX
J3
ANT I/O
VDD
R1
2k
Ω
50
Ωµstrip
50
Ωµstrip
J1
RX OUT
J2
TX IN
P1
1
2
3
GND
P1-1
VDD
P1-3
TX/RX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com