Electronic Components Datasheet Search
  English  ▼

X  

RF2436 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2436
Description  TRANSMIT/RECEIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2436 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2436 Datasheet HTML 1Page - RF Micro Devices RF2436 Datasheet HTML 2Page - RF Micro Devices RF2436 Datasheet HTML 3Page - RF Micro Devices RF2436 Datasheet HTML 4Page - RF Micro Devices RF2436 Datasheet HTML 5Page - RF Micro Devices RF2436 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9-27
RF2436
Rev A2 010717
9
ANT to RX OUT, TX IN Terminated
Frequency Response=100MHz-3000MHz, Temp=-40°C/25°C/85°C,
Input Power= -30dBm, VCC=3V,
-34.5
-34.0
-33.5
-33.0
-32.5
-32.0
-31.5
-31.0
-30.5
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
3500.0
Frequency (MHz)
+85c
+25c
-40c
+
Output Variation with Termination of Unused Port
Frequency Response=900MHz-2500MHz, Temp=25°C,
Input Power= -30dBm, VCC=3V
-33.0
-32.8
-32.6
-32.4
-32.2
-32.0
-31.8
-31.6
-31.4
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
Frequency (MHz)
Unused Port
Terminated
Unused Port
Un-terminated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com