Electronic Components Datasheet Search
  English  ▼

X  

RF2485 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2485
Description  VHF QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2485 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2485 Datasheet HTML 1Page - RF Micro Devices RF2485 Datasheet HTML 2Page - RF Micro Devices RF2485 Datasheet HTML 3Page - RF Micro Devices RF2485 Datasheet HTML 4Page - RF Micro Devices RF2485 Datasheet HTML 5Page - RF Micro Devices RF2485 Datasheet HTML 6Page - RF Micro Devices RF2485 Datasheet HTML 7Page - RF Micro Devices RF2485 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
5-57
RF2485
Rev A3 010820
5
Pin
Function
Description
Interface Schematic
1VDD2
Power supply for the RF Output amplifier. An external RF bypass
capacitor is needed. The trace length between the pin and the bypass
capacitor should be minimized. The ground side of the capacitor should
connect immediately to the ground plane.
2VDD1
Power supply for all other circuits. An external RF bypass capacitor is
needed.
3NC
No connection.
4I SIG
Baseband input to the I mixer. This pin is DC coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude
of 5V. The DC level supplied to this pin should be 2.5± 0.5V. The SIG
and REF inputs are inputs of a differential amplifier. Therefore the REF
and SIG inputs are interchangeable. If swapping the I SIG and I REF
pins, the Q SIG and Q REF also need to be swapped to maintain the
correct phase. It is also possible to drive the SIG and REF inputs in a
balanced mode. This will increase the gain.
5I REF
Reference voltage for the I mixer. This voltage should be the same as
the DC voltage supplied to the I SIG pin. To obtain a carrier suppres-
sion of better than 40dB it may be tuned ±0.15V (relative to the I SIG
DC voltage). Without tuning, it will typically be better than 25dB.
See pin 4.
6Q REF
Reference voltage for the Q mixer. This voltage should be the same as
the DC voltage supplied to the Q SIG pin. To obtain a carrier suppres-
sion of better than 40dB it may be tuned ±0.15V (relative to the Q SIG
DC voltage). Without tuning, it will typically be better than 25dB. The
SIG and REF inputs are inputs of a differential amplifier. Therefore the
REF and SIG inputs are interchangeable. If swapping the I SIG and I
REF pins, Q SIG and Q REF also need to be swapped to maintain cor-
rect phase. It is also possible to drive the SIG and REF inputs in a bal-
anced mode. This will increase the gain.
Same as pin 3.
7Q SIG
Baseband input to the Q mixer. This pin is DC coupled. Maximum out-
put power is obtained when the input signal has a peak to peak ampli-
tude of 5V. The DC level supplied to this pin should be 2.5± 0.5V.
Same as pin 4.
8LO IN
The input of the phase shifting network. This high impedance input can
be matchedwithanexternal56
Ω termination resistor. This pin is inter-
nally connected to ground through a 4k
Ω resistor. Putting a DC voltage
on this pin is not recommended. However, connecting this pin to
ground, e.g., through a shunt inductor, is allowed.
9
PHASE
This pin allows to adjust the phase of the I/Q signals. However, the con-
trol is very sensitive and hard to control. Control voltage change for a
few degrees adjustment is in the order of 10mV. Device to device and
temperature variation are not characterized. Therefore it is not recom-
mended to use this pin; leave it not connected. Do NOT connect to
ground.For compensating large errors in the I/Q signals supplied to the
device or in control loops this pin may prove useful.
10
GND1
Ground connection of the LO phase shift network. This pin should be
connected directly to the ground plane.
11
GND
Ground connection for other circuits. Keep traces short and connect to
ground plane immediately.
12
GND
Same as pin 11.
13
GND2
Ground connection for the RF output stage. A good ground connection
is especially important at this pin to avoid interference with other cir-
cuits.
ISIG
IREF
LO IN
PHASE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com