Electronic Components Datasheet Search
  English  ▼

X  

RF2485 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2485
Description  VHF QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2485 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2485 Datasheet HTML 1Page - RF Micro Devices RF2485 Datasheet HTML 2Page - RF Micro Devices RF2485 Datasheet HTML 3Page - RF Micro Devices RF2485 Datasheet HTML 4Page - RF Micro Devices RF2485 Datasheet HTML 5Page - RF Micro Devices RF2485 Datasheet HTML 6Page - RF Micro Devices RF2485 Datasheet HTML 7Page - RF Micro Devices RF2485 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
5-59
RF2485
Rev A3 010820
5
Application Schematic
POWER
CONTROL
Σ
+45°
-45°
RF OUTPUT
LO INPUT
V
DD
I INPUT
Z
IN=100
V
REF
Q INPUT
Z
IN=100
50
Ωµstrip
Coupling Capacitor
Coupling Capacitor
100
Ω
100
Ω
100
Ω
100
Ω
100 pF
100 nF
56
Ω
Note A
100 pF
100 pF
50
Ωµstrip
Optional; input impedance is about 79-J158
Ω at 400 MHz
without resistor. SMD resistor mounted adjacent to package pin,
grounded through a via to the ground plane.
NOTE A:
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com