Electronic Components Datasheet Search
  English  ▼

X  

RF2494 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2494
Description  HIGH FREQUENCY LNA/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2494 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2494 Datasheet HTML 6Page - RF Micro Devices RF2494 Datasheet HTML 7Page - RF Micro Devices RF2494 Datasheet HTML 8Page - RF Micro Devices RF2494 Datasheet HTML 9Page - RF Micro Devices RF2494 Datasheet HTML 10Page - RF Micro Devices RF2494 Datasheet HTML 11Page - RF Micro Devices RF2494 Datasheet HTML 12Page - RF Micro Devices RF2494 Datasheet HTML 13Page - RF Micro Devices RF2494 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Preliminary
8-66
RF2494
Rev A0 010730
8
Mixer Gain versus LO Amplitude
(VCC = 3.3 V, RF Frequency = 2.45 GHz)
14
15
16
17
18
19
20
-24
-22
-20
-18 -16
-14 -12
-10
-8
-6
-4
-2
0
2
4
6
LO Amplitude (dBm)
Gain
Mixer IIP3 versus LO Amplitude
(VCC = 3.3 V, RF Frequency = 2.45 GHz)
-20
-19
-18
-17
-16
-15
-14
-24 -22
-20
-18 -16 -14
-12
-10
-8
-6
-4
-2
0
2
4
6
LO Amplitude (dBm)
IIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com