Electronic Components Datasheet Search
  English  ▼

X  

RF2494 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2494
Description  HIGH FREQUENCY LNA/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2494 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2494 Datasheet HTML 2Page - RF Micro Devices RF2494 Datasheet HTML 3Page - RF Micro Devices RF2494 Datasheet HTML 4Page - RF Micro Devices RF2494 Datasheet HTML 5Page - RF Micro Devices RF2494 Datasheet HTML 6Page - RF Micro Devices RF2494 Datasheet HTML 7Page - RF Micro Devices RF2494 Datasheet HTML 8Page - RF Micro Devices RF2494 Datasheet HTML 9Page - RF Micro Devices RF2494 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Preliminary
8-58
RF2494
Rev A0 010730
8
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
11
Bias
Circuits
LNA
RF AMP
PD
C19
22 pF
C4
10 nF
VCC1, VCC2
L2
120 nH
R1
2.2 k
Ω
C11
0.5 pF
C12
0.5 pF
L1
100 nH
C6
10 nF
C15
22 pF
50
Ωµstrip
J3
IF OUT
L3
8.2 nH
C16
1pF
50
Ωµstrip
C18
10 nF
50
Ωµstrip
J5
LO IN
RX EN
VCC3
C21
22 pF
C7
10 nF
C17
10 nF
L5
1.8 nH
C2
0.5 pF
50
Ωµstrip
R3
0
Ω
R5*
0
Ω
50
Ωµstrip
J4
MIX IN
IN
GND
OUT
FL1
R2
0
Ω
R4*
0
Ω
50
Ωµstrip
J2
LNA OUT
50
Ωµstrip
C10
1.5 pF
C5
10 nF
R6
10
Ω
VCC4
GS
C9
10 nF
C8
2pF
L6
4.7 nH
50
Ωµstrip
J1
LNA IN
2494400-
P1
1
2
3
CON3
GND
P1-3
PD
VCC1, VCC2
P1-1
C3
10 nF
P2
1
2
3
CON3
GND
P2-1
GS
P2-3
C20
10 nF
VCC4
P3
1
2
3
CON3
GND
P3-1
VCC3
P3-3
RX EN
* For cascaded configuration,
jumpers R2 and R3 need to be
installed with R4 and R5 taken out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com