Electronic Components Datasheet Search
  English  ▼

X  

RF2608 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2608
Description  CDMA/FM UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2608 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2608 Datasheet HTML 1Page - RF Micro Devices RF2608 Datasheet HTML 2Page - RF Micro Devices RF2608 Datasheet HTML 3Page - RF Micro Devices RF2608 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ü
6-15
6
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
IF+
2
IF-
3
GND
4
LO BYPASS
5LO
6
GND
7
VCC
8
RF OUT
RF2608
CDMA/FM UPCONVERTER/BPSK MODULATOR
• CDMA/FM Cellular Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• Commercial and Consumer Systems
• Battery-Operated Systems
The RF2608 is a complete upconverter designed for
CDMA/FM cellular applications. The IC contains a dou-
ble-balanced mixer stage and an output buffer amplifier
stage. This device may also be used to directly BPSK
modulate a carrier. The mixer is a Gilbert cell with emitter
degeneration resistors to provide high IP3. The output
stage is a class-B, push-pull configuration to reduce the
overall current and still provide a good 50
Ω output match.
The unit operates at a supply voltage of 2.7 V to 5.0 V and
does not require any external matching components
other than coupling capacitors. This circuit is designed as
part of the RFMD CDMA chipset, consisting of a Transmit
IF AGC Amp, this Transmit Upconverter, a Receive LNA/
Mixer, and a Receive IF AGC Amp.
• Supports Dual Mode Operation
• +7dBm Output Intercept Point
• Single 2.7V to 5.0V Power Supply
• Internally Matched Inputs and Outputs
• Buffered Output
• Double-Balanced Mixer
RF2608
CDMA/FM Upconverter/BPSK Modulator
RF2608 PCBA
Fully Assembled Evaluation Board
6
Rev B3 010720
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF2608

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2601 RFMD-RF2601 Datasheet
781Kb / 11P
GAIN CONTROLLED IF AMPLIFIER
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
More results

Similar Description - RF2608

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
Dual-Band CDMA Upconverter
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com