Electronic Components Datasheet Search
  English  ▼

X  

RF2629 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2629
Description  3V CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2629 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2629 Datasheet HTML 1Page - RF Micro Devices RF2629 Datasheet HTML 2Page - RF Micro Devices RF2629 Datasheet HTML 3Page - RF Micro Devices RF2629 Datasheet HTML 4Page - RF Micro Devices RF2629 Datasheet HTML 5Page - RF Micro Devices RF2629 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10-40
RF2629
Rev B4 010720
10
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.0
VDC
Control Voltage
-0.5 to +5.0
V
Input Power Levels
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, 130MHz, VCC=3.0V, Pin=-40dBm,
ZS=1kΩ,ZL=1kΩ,1kΩ External Output Ter-
minating Resistor (Effective ZL=500Ω)(See
Application Example)
Frequency Range
12 to 175
MHz
Maximum Gain
+35
+38
dB
VGC=2.3V
Minimum Gain
-48
-45
dB
VGC=0.3V
Gain Slope
57
dB/V
Measured in 0.5V increments
Gain Control Voltage Range
0 to 2.4
VDC
Gain Control Input Impedance
30
k
Ω
Noise Figure
10.5
13
dB
At maximum gain and 130MHz
Input IP3
-26
-28
-25
-26
dBm
dBm
At +10dB gain and referenced to 1k
Ω,
Pin=-45dBm per tone
At +35dB gain and referenced to 1k
Ω,
Pin=-45dBm per tone
Input Impedance
1
k
Ω
Differential
Stability (Max VSWR)
10:1
Spurious< -70dBm
Power Supply
Voltage
2.7 to 3.3
V
Current Consumption
23
25
mA
Maximum gain, VCC=3.0V
Current Consumption
22
24
mA
Minimum gain, VCC=3.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com