Electronic Components Datasheet Search
  English  ▼

X  

RF2629 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2629
Description  3V CDMA/FM TRANSMIT AGC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2629 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2629 Datasheet HTML 1Page - RF Micro Devices RF2629 Datasheet HTML 2Page - RF Micro Devices RF2629 Datasheet HTML 3Page - RF Micro Devices RF2629 Datasheet HTML 4Page - RF Micro Devices RF2629 Datasheet HTML 5Page - RF Micro Devices RF2629 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
10-39
10
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
IN+
IN-
GND
GC
VCC1
VCC2
OUT+
OUT-
GAIN
CONTROL
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are exclusive of
flash, protrusions or burrs.
3. Lead coplanarity: 0.002 with
respect to datum "A".
0.012
6° MAX
0° MIN
0.021
+0.004
0.006
+0.002
0.192
+ 0.008
0.0256
0.118
+0.004 sq.
0.006
+0.003
0.034
-A-
RF2629
3V CDMA/FM TRANSMIT AGC AMPLIFIER
• 3V CDMA/FM Cellular Systems
• 3V CDMA PCS Systems
• 3V TDMA Cellular/PCS Systems
• Supports Dual-Mode AMPS/CDMA
• Supports Dual-Mode TACS/CDMA
• Portable Battery-Powered Equipment
The RF2629 is a complete AGC amplifier designed for
the transmit section of 3V dual-mode CDMA/FM cellular
and PCS applications. It is designed to amplify IF signals
while providing more than 84dB of gain control range.
Noise Figure, IP3, and other specifications are designed
for CDMA and dual mode CDMA/AMPS handsets. This
circuit is designed as part of the RFMD CDMA Chip Set,
consisting of this Transmit IF AGC Amp, a Transmit
Upconverter, a Receive LNA/Mixer, and a Receive IF
AGC Amp. The IC is manufactured on an advanced high
frequency Silicon Bipolar process and is packaged in a
standard miniature 8-lead plastic MSOP package.
• Supports Dual Mode Operation
• Supports PCS and Cellular Applications
• -48dB to +38dB Gain Control Range
• Single 3V Power Supply
• 12MHz to 175MHz Operation
• Miniature Surface Mount Package
RF2629
3V CDMA/FM Transmit AGC Amplifier
RF2629 PCBA
Fully Assembled Evaluation Board
10
Rev B4 010720
Package Style: MSOP-8


Similar Part No. - RF2629

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
More results

Similar Description - RF2629

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2466 RFMD-RF2466 Datasheet
139Kb / 8P
3V CDMA/FM MIXER
RF2607 RFMD-RF2607 Datasheet
110Kb / 8P
CDMA/FM RECEIVE AGC AMPLIFIER
RF2609 RFMD-RF2609 Datasheet
94Kb / 8P
CDMA/FM TRANSMIT AGC AMPLIFIER
RF2617 RFMD-RF2617 Datasheet
121Kb / 8P
3V CDMA/FM RECEIVE AGC AMPLIFIER
RF2619 RFMD-RF2619 Datasheet
114Kb / 8P
3V CDMA/FM TRANSMIT AGC AMPLIFIER
RF2627 RFMD-RF2627 Datasheet
112Kb / 6P
3V CDMA RECEIVE AGC AMPLIFIER
RF2668 RFMD-RF2668 Datasheet
430Kb / 16P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER WITH INTEGRATED PLL
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
ams AG
AS3801 AMSCO-AS3801 Datasheet
75Kb / 7P
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
AS3802 AMSCO-AS3802 Datasheet
91Kb / 9P
CDMA/FM RECEIVE AGC AMPLIFIER AS3802
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com