Electronic Components Datasheet Search
  English  ▼

X  

RF2658 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2658
Description  TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2658 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2658 Datasheet HTML 1Page - RF Micro Devices RF2658 Datasheet HTML 2Page - RF Micro Devices RF2658 Datasheet HTML 3Page - RF Micro Devices RF2658 Datasheet HTML 4Page - RF Micro Devices RF2658 Datasheet HTML 5Page - RF Micro Devices RF2658 Datasheet HTML 6Page - RF Micro Devices RF2658 Datasheet HTML 7Page - RF Micro Devices RF2658 Datasheet HTML 8Page - RF Micro Devices RF2658 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5-63
RF2658
Rev A8 010720
5
Pin
Function
Description
Interface Schematic
1MODE
Selects between CDMA and FM mode. This is a digitally controlled
input. A logic “high” (
≥V
CC -0.7 VDC) selects CDMA mode. A logic “low”
(
≥0.5V
DC) selects FM mode. In FM mode, this switch enables the FM
amplifier and turns off the I&Q modulator. The impedance on this pin is
30k
Ω.
2Q SIG
Baseband input to the Q mixer. This pin is DC coupled. The DC level of
0.6V must be supplied to this pin to bias the transistor. Input imped-
ance of this pin is 50k
Ω minimum.
3Q REF
Reference voltage for the Q mixer. This voltage should be the same as
the DC voltage supplied to the Q SIG pin. For maximum carrier sup-
pression, DC voltage on this pin relative to the Q SIG DC voltage may
be adjusted. Input impedance of this pin is 50k
Ω minimum.
See pin 2.
4I REF
Reference voltage for the I mixer. This voltage should be the same as
the DC voltage supplied to the I SIG pin. For maximum carrier suppres-
sion, DC voltage on this pin relative to the I SIG DC voltage may be
adjusted. Input impedance of this pin is 50k
Ω minimum.
See pin 5.
5I SIG
Baseband input to the I mixer. This pin is DC coupled. The DC level of
0.6V must be supplied to this pin to bias the transistor. Input imped-
ance of this pin is 50k
Ω minimum.
6GND1
Ground connection for all baseband circuits including bandgap, AGC,
flip-flop, modulator and FM amp. Keep traces physically short and con-
nect immediately to ground plane for best performance.
7VCC1
Supply voltage for the LO1 flip-flop and limiting amp only. This supply is
isolated to minimize the carrier leakage. A 1nF external bypass capaci-
tor is required, and an additional 0.1
µF will be required if no other low
frequency bypass capacitors are nearby. The trace length between the
pin and the bypass capacitors should be minimized. The ground side of
the bypass capacitors should connect immediately to ground plane.
The part is designed to work from 2.7V to 3.3V supply.
8LO1+, FM+
One half of the balanced modulator LO1 input. The other half of the
input, LO1-, is AC grounded for single-ended input applications. The
frequency on these pins is divided by a factor of 2, hence the carrier
frequency for the modulator becomes one half of the applied frequency.
The single-ended input impedance is 100
Ω (balanced is 200Ω). This
pin is NOT internally DC blocked. An external blocking capacitor (1nF
recommended) must be provided if the pin is connected to a device
with DC present. When FM mode is selected, the output of the flip-flop
divider circuit is switched to the AGC amplifier inputs and the modulator
mixers are not used. Note that the frequency deviation input here will
be reduced by a factor of two, due to the frequency divider operation.
9LO1-, FM-
One half of the balanced modulator LO1 input. In single-ended applica-
tions (100
Ω input impedance), this pin is AC grounded with a 1nF
capacitor.
See pin 8.
10
BG OUT
Bandgap voltage reference. This voltage, constant over temperature
and supply variation, is used to bias internal circuits. A 1nF external
bypass capacitor is required.
60 k
Ω
60 k
Ω
BIAS
MODE
8k
Ω
8k
Ω
Q SIG
Q REF
BIAS
BIAS
8k
Ω
8k
Ω
I SIG
I REF
BIAS
BIAS
100
Ω
100
Ω
LO1+, FM+
LO1-, FM-
V
CC1
V
CC1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com