Electronic Components Datasheet Search
  English  ▼

X  

RF2658 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2658
Description  TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2658 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2658 Datasheet HTML 1Page - RF Micro Devices RF2658 Datasheet HTML 2Page - RF Micro Devices RF2658 Datasheet HTML 3Page - RF Micro Devices RF2658 Datasheet HTML 4Page - RF Micro Devices RF2658 Datasheet HTML 5Page - RF Micro Devices RF2658 Datasheet HTML 6Page - RF Micro Devices RF2658 Datasheet HTML 7Page - RF Micro Devices RF2658 Datasheet HTML 8Page - RF Micro Devices RF2658 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5-65
RF2658
Rev A8 010720
5
Pin
Function
Description
Interface Schematic
23
GND2
Same as pin 16.
24
MOD OUT-
One half of the balanced AGC output port. The impedance of this port
is 200
Ω balanced. If no filtering is required, this pin can be connected
to the MIX IN- pin through a DC blocking capacitor. This pin requires an
inductor to VCC to achieve full dynamic range. In order to maximize
gain, this inductor should be a high-Q type and should be parallel reso-
nated out with a capacitor (see application schematic). This pin is NOT
DC blocked. A blocking capacitor of 2200pF is needed when this pin is
connected to a DC path. An appropriate matching network may be
needed if an IF filter is used.
25
MOD OUT+
Same as pin 24, except complementary output.
See pin 24.
26
DEC
AGC decoupling pin. An external bypass capacitor of 10nF capacitor is
required. The trace length between the pin and the bypass capacitors
should be minimized. The ground side of the bypass capacitors should
connect immediately to ground plane.
27
GC
Analog gain control for AGC amplifiers. Valid control voltage ranges are
from 0.5VDC to 2.5VDC. The gain range for the AGC is 88dB. These
voltages are valid ONLY for a 37k
Ω source impedance.
28
VCC2
Supply for the modulator stage only. A 10nF external bypass capacitor
is required and an additional 0.1
µF will be required if no other low fre-
quency bypass capacitors are nearby. The trace length between the pin
and the bypass capacitors should be minimized. The ground side of the
bypass capacitors should connect immediately to ground plane. The
part is designed to work from 2.7V to 3.3V supply.
100
Ω
100
Ω
MOD OUT-
MOD OUT+
V
CC3
V
CC3
21 k
Ω
GC
40 k
Ω
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com