Electronic Components Datasheet Search
  English  ▼

X  

RF2945 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2945 Datasheet HTML 1Page - RF Micro Devices RF2945 Datasheet HTML 2Page - RF Micro Devices RF2945 Datasheet HTML 3Page - RF Micro Devices RF2945 Datasheet HTML 4Page - RF Micro Devices RF2945 Datasheet HTML 5Page - RF Micro Devices RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
11-217
RF2945
Rev A10 000919
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
LNA
Voltage Gain
23
dB
433MHz
16
dB
915MHz
Noise Figure
4.8
dB
433MHz
5.5
dB
915MHz
Input IP3
-27
dBm
433MHz
-20
dBm
915MHz
Input P1dB
-37
dBm
433MHz
-30
dBm
915MHz
Antenna Port Impedance
50
Ω
RX ENABL= “1”, TX ENABL= “0”
Antenna Port VSWR
1.5:1
RX Mode
Output Impedance
Open Collector
Ω
433MHz and 915MHz
Mixer
Single-ended configuration
Conversion Voltage Gain
8
dB
433MHz
7
dB
915MHz
Noise Figure (SSB)
10
dB
433MHz
17
dB
915MHz
Input IP3
-21
dBm
433MHz
-17
dBm
915MHz
Input P1dB
-31
dBm
433MHz
-28
dBm
915MHz
First IF Section
IF Frequency Range
0.1
10.7
25
MHz
Voltage Gain
34
dB
IF= 10.7MHz, ZL=330Ω
Noise Figure
13
dB
IF1 Input Impedance
330
Ω
IF1 Output Impedance
330
Ω
Second IF Section
IF Frequency Range
0.1
10.7
25
MHz
Voltage Gain
60
dB
IF= 10.7MHz
IF2 Input Impedance
330
Ω
IF2 Output Impedance
1
k
Ω
At IF2 OUT pin
Demod Input Impedance
10
k
Ω
Data Output Bandwidth
1.4
MHz
3dB Bandwidth, ZLOAD=1MΩ || 3pF
Data Output Level
0.3
VCC-0.3
V
ZLOAD=1MΩ || 3pF. Output voltage is pro-
portional with the instantaneous frequency
deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com