Electronic Components Datasheet Search
  English  ▼

X  

RF2945 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2945
Description  433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2945 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2945 Datasheet HTML 1Page - RF Micro Devices RF2945 Datasheet HTML 2Page - RF Micro Devices RF2945 Datasheet HTML 3Page - RF Micro Devices RF2945 Datasheet HTML 4Page - RF Micro Devices RF2945 Datasheet HTML 5Page - RF Micro Devices RF2945 Datasheet HTML 6Page - RF Micro Devices RF2945 Datasheet HTML 7Page - RF Micro Devices RF2945 Datasheet HTML 8Page - RF Micro Devices RF2945 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
11-219
RF2945
Rev A10 000919
11
Pin
Function
Description
Interface Schematic
1
TX ENABL
Enables the transmitter circuits. TX ENABL>2.0V powers up all trans-
mitter functions. TX ENABL<1.0V turns off all transmitter functions
except the PLL functions.
2TX OUT
RF output pin for the transmitter electronics. TX OUT output impedance
is a low impedance when the transmitter is enabled. TX OUT is a high
impedance when the transmitter is disabled.
3GND2
Ground connection for the 40 dB IF limiting amplifier and Tx PA func-
tions. Keep traces physically short and connect immediately to ground
plane for best performance.
4RX IN
RF input pin for the receiver electronics. RX IN input impedance is a
low impedance when the transmitter is enabled. RX IN is a high imped-
ance when the receiver is disabled.
5GND1
Ground connection for RF receiver functions. Keep traces physically
short and connect immediately to ground plane for best performance.
6LNA OUT
Output pin for the receiver RF low noise amplifier. This pin is an open
collector output and requires an external pull up coil to provide bias and
tune the LNA output. A capacitor in series with this output can be used
to match the LNA to 50
Ω impedance image filters.
7GND3
Same as pin 3.
8
MIX IN
RF input to the RF Mixer. An LC matching network between LNA OUT
and MIX IN can be used to connect the LNA output to the RF mixer
input in applications where an image filter is not needed or desired.
9GND5
GND5 is the ground connection shared by the input stage of the trans-
mit power amplifier and the receiver RF mixer.
10
MIX OUT
IF output from the RF mixer. Interfaces directly to 10.7MHz ceramic IF
filters as shown in the application schematic. A pull-up inductor and
series matching capacitor should be used to present a 330
Ω termina-
tion impedance to the ceramic filter. Alternately, an IF tank can be used
to tailor the IF frequency and bandwidth to meet the needs of a given
application.
11
VREF IF
DC voltage reference for the IF limiting amplifiers. A 10nF capacitor
from this pin to ground is required.
.
12
RSSI
A DC voltage proportional to the received signal strength is output from
this pin. The output voltage range is 0.5V to 2.3V and increases with
increasing signal strength.
13
IF1 IN
IF input to the 40dB limiting amplifier strip. A 10nF DC blocking capaci-
tor is required on this input.
40 k
Ω
20 k
Ω
TX ENABL
TX OUT
20
V
CC
RX IN
500
LNA OUT
V
CC
GND5
MIX IN
MIX OUT
15 pF
15 pF
GND5
GND5
V
CC
RSSI
IF1 IN
330
330
60 k
Ω
60 k
Ω
IF1 BP+
IF1 BP-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com