Electronic Components Datasheet Search
  English  ▼

X  

RF3404 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3404 Datasheet HTML 1Page - RF Micro Devices RF3404 Datasheet HTML 2Page - RF Micro Devices RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
8-35
RF3404
Rev A1 010918
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Cellular Band (FM)
RF Freq= 869MHz to 894MHz
LO Freq= 1053MHz to 1078MHz
LNA On
Gain
23.0
dB
LNA set for max IIP3; Mixer RF amp ON
23.0
dB
LNA set for Nominal IIP3; Mixer RF amp ON
13.0
dB
LNA set for max IIP3; Mixer RF amp OFF
13.0
dB
LNA set for Nominal IIP3; Mixer RF amp
OFF
Noise Figure
2.1
2.6
dB
LNA set for max IIP3; Mixer RF amp ON
2.2
dB
LNA set for Nominal IIP3; Mixer RF amp ON
5.0
dB
LNA set for max IIP3; Mixer RF amp OFF
5.0
dB
LNA set for Nominal IIP3; Mixer RF amp
OFF
Input IP3
-8.0
dBm
LNA set for max IIP3; Mixer RF amp ON
-8.0
dBm
LNA set for Nominal IIP3; Mixer RF amp ON
3.5
dBm
LNA set for max IIP3; Mixer RF amp OFF
4.0
dBm
LNA set for Nominal IIP3; Mixer RF amp
OFF
PCS Band
RF Freq= 1930MHz to 1990MHz
LO Freq= 2114MHz to 2174MHz
LNA On
Gain
23.0
25.0
dB
LNA set for max IIP3; Mixer RF amplifier ON
24.0
dB
LNA set for Nominal IIP3; Mixer RF amplifier
ON
16
dB
LNA set for max IIP3; Mixer RF amp OFF
15
dB
LNA set for Nominal IIP3; Mixer RF amplifier
OFF
Noise Figure
2.2
2.7
dB
LNA set for max IIP3; Mixer RF amplifier ON
2.3
dB
LNA set for Nominal IIP3; Mixer RF amplifier
ON
5.0
dB
LNA set for max IIP3; Mixer RF amp OFF
6.0
dB
LNA set for Nominal IIP3; Mixer RF amplifier
OFF
Input IP3
-12.0
-8.5
dBm
LNA set for max IIP3; Mixer RF amplifier ON
-7.5
dBm
LNA set for Nominal IIP3; Mixer RF amplifier
ON
2
dBm
LNA set for max IIP3; Mixer RF amp OFF
1
dBm
LNA set for Nominal IIP3; Mixer RF amplifier
OFF
+10.0
dBm
LNA only, set for max IIP3
LNA Off
Gain
5
dB
Mixer RF amplifier ON
-4
dB
Mixer RF amplifier OFF
Noise Figure
15
dB
Mixer RF amplifier ON
22
dB
Mixer RF amplifier OFF
Input IP3
+10.0
dBm
Mixer RF amplifier ON
+20.0
dBm
Mixer RF amplifier OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com