Electronic Components Datasheet Search
  English  ▼

X  

RF3404 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3404
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404 Datasheet(HTML) 5 Page - RF Micro Devices

  RF3404 Datasheet HTML 1Page - RF Micro Devices RF3404 Datasheet HTML 2Page - RF Micro Devices RF3404 Datasheet HTML 3Page - RF Micro Devices RF3404 Datasheet HTML 4Page - RF Micro Devices RF3404 Datasheet HTML 5Page - RF Micro Devices RF3404 Datasheet HTML 6Page - RF Micro Devices RF3404 Datasheet HTML 7Page - RF Micro Devices RF3404 Datasheet HTML 8Page - RF Micro Devices RF3404 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary
8-37
RF3404
Rev A1 010918
8
State Table (Typical Values for VCC=2.75V)
RF3404 Control States
Control Logic
Gain Control Logic
Parameter
Cellular
PCS
LNA On
LNA Off
LNA On
LNA Off
LNA at Max IIP3 LNA at Nom IIP3
LNA at Max IIP3 LNA at Nom IIP3
Mixer
Amp On
Mixer
Amp Off
Mixer
Amp On
Mixer
Amp Off
Mixer
Amp On
Mixer
Amp Off
Mixer
Amp On
Mixer
Amp Off
Mixer
Amp On
Mixer
Amp Off
Mixer
Amp On
Mixer
Amp Off
Gain (dB)
25
16
24.5
15
4
-3
25
15
24
15.5
5
-4
Noise Figure (dB)
2.0
4
2.1
4.5
15
22
2.2
5.0
2.3
6
15
22
Input IP3 (dBm)
-9
1.5
-8
2
+10
+20
-8.5
2
-7.5
1
+10
+20
Total Current
29.5
23.5
28
22
24
18
29.5
23.5
28
22
24
18
BAND SEL
IF SEL
LNA GAIN
MIX GAIN
ENABLE
PCS CDMA High Gain
10111
PCS CDMA Mid1 Gain
10101
PCS CDMA Mid2 Gain
10011
PCS CDMA Low Gain
10001
Cell CDMA High Gain
00111
Cell CDMA Mid1 Gain
00101
Cell CDMA Mid2 Gain
00011
Cell CDMA Low Gain
00001
Cell FM High Gain
01111
Cell FM Mid1 Gain
01101
Cell FM Mid2 Gain
01011
Cell FM Low Gain
01001
Shutdown
XXXX
0
Not Defined
1
1
X
X
1
Mode
BAND_SEL
IF_SEL
ENABLE
TX BUF
DIVIDER ENABLE
Cellular FM
0
1
1
X
X
Cellular CDMA
0
0
1
X
X
PCS CDMA
1
0
1
X
X
Power Down
1
1
1
X
X
Power Down 2
X
X
0
X
X
TX Buffer Enabled
X
X
1
1
X
Divider Enabled
X
X
1
X
1
LNA Mode
Mixer Mode
LNA GAIN
MIX GAIN
IP SET
High Gain
High Gain
1
1
1
High Linearity (off-chip)
High Gain
Low Gain
1
0
1
High Linearity (off-chip)
High Gain
High Gain
1
1
0
Low Linearity (on-chip)
High Gain
Low Gain
1
0
0
Low Linearity (on-chip)
Low Gain
High Gain
0
1
X
Low Gain
Low Gain
0
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com