Electronic Components Datasheet Search
  English  ▼

X  

RF5176 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5176
Description  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5176 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5176 Datasheet HTML 1Page - RF Micro Devices RF5176 Datasheet HTML 2Page - RF Micro Devices RF5176 Datasheet HTML 3Page - RF Micro Devices RF5176 Datasheet HTML 4Page - RF Micro Devices RF5176 Datasheet HTML 5Page - RF Micro Devices RF5176 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
2-198
RF5176
Rev A0 010910
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤31dBm)
+5.0
VDC
Bias Voltage (VBIAS)+3.0
VDC
Control Voltage (VREG)+3.0
VDC
Input RF Power
+6
dBm
Operating Case Temperature
-30 to +100
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, VCC=3.4V,
Freq= 1920MHz to 1980MHz, VREG=2.5V,
unless otherwise specified
Usable Frequency Range
1850
2000
MHz
Typical Frequency Range
1850 to 1910
MHz
1920 to 1980
MHz
Linear Gain
26
dB
Second Harmonic (including
second harmonic trap)
-55
dBc
Third Harmonic
-50
dBc
Maximum Linear Output Power
(W-CDMA Modulation)
27
dBm
Total Linear Efficiency
40
%
POUT=27dBm
Adjacent Channel Power
Rejection@5MHz
-40
-38
dBc
POUT=27dBm, W-CDMA Modulation,
3GPP 3.2 03-00 DPCCH + 1 DPDCH
Adjacent Channel Power
Rejection@10MHz
-50
-48
dBc
POUT=27dBm, W-CDMA Modulation,
3GPP 3.2 03-00 DPCCH + 1 DPDCH
Noise Power
-144
dBm/Hz
POUT=+27dBm,
Rx Band 2110MHz to 2170MHz
Input VSWR
< 2:1
Output Load VSWR
5:1
No oscillations
Power Supply
Power Supply Voltage
3.0
3.4
5.0
V
Idle Current
80
mA
VREG=2.5V
VREG Current
10
µA
Total pins 1 and 3, VREG=2.5V
Turn On/Off time
ns
Total Current (Power down)
10
µAV
REG =Low
VREG “Low” Voltage
0
0.2
V
VREG “High” Voltage
2.5
V
See Alternative Biasing Network table follow-
ing the application schematic.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com