Electronic Components Datasheet Search
  English  ▼

X  

RF5176 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5176
Description  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5176 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5176 Datasheet HTML 1Page - RF Micro Devices RF5176 Datasheet HTML 2Page - RF Micro Devices RF5176 Datasheet HTML 3Page - RF Micro Devices RF5176 Datasheet HTML 4Page - RF Micro Devices RF5176 Datasheet HTML 5Page - RF Micro Devices RF5176 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
2-201
RF5176
Rev A0 010910
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
5
6
7
8
9
10
11
12
4
3
2
1
16
15
14
13
20
19
18
17
R5
240 k
Ω
R6
360 k
Ω
R8
240 k
Ω
R7
240 k
Ω
C7
15 pF
C16
100 nF
L3
15 nH
L2
16 nH
C8
15 pF
C9
10 nF
C12
3.6 pF
C13
3pF
15 pF
C4
12 pF
L4
10 nH
C5
10 nF
C1
5.6 pF
L1
1.5 nH
C2
15 pF
C3
100 nF
V
CC =3.4 V
V
REG =2.5 V
V
CC BIAS = 3.4 V
E
R = 4.7 H = 14 mils
W = 0.028"
L = 0.060"
W = 0.028"
L = 0.120"
W = 0.028"
L = 0.060"
J1
RF IN
C6
1
µF
+
+
C11
4.7
µF
P1
P1
1
CON1
P1
VCC
P2
1
CON1
P2
VREG
P3
1
CON1
P3
VCCBIAS
P4
1
CON1
GND
P2
P3
J2
RF OUT
+
C10
1
µF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com