Electronic Components Datasheet Search
  English  ▼

X  

RF9938 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF9938
Description  PCS UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9938 Datasheet(HTML) 2 Page - RF Micro Devices

  RF9938 Datasheet HTML 1Page - RF Micro Devices RF9938 Datasheet HTML 2Page - RF Micro Devices RF9938 Datasheet HTML 3Page - RF Micro Devices RF9938 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-62
RF9938
Rev A3 010720
6
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +7.0
VDC
Input RF Power
+6
dBm
Operating Ambient Temperature
-30 to +80
°C
Storage Temperature
-30 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=3.6V, RF out=1880MHz,
LO= 1750MHz @ -3dBm, IF = 130MHz
@ -10dBm in
RF Output Frequency Range
1200 to 2500
MHz
Conversion Gain
-3.8
-2.8
-1.0
dB
Noise Figure
14
dB
Output IP3
+5
+8
dBm
PIN=-13dBm per Tone
Output ACP
-64
dB
Referenced to a 1.23MHz in-band power. At
±1.25MHz Offset (CDMA PIN=-10dBm)
Output VSWR
1.5:1
50
Spurious Product Rejection
30
dBc
Referenced to RF output
IF Input
IF Frequency
DC to 200
MHz
Differential Input Impedance
265
IF to RF Output Isolation
30
dB
IF to LO Isolation
30
dB
LO Input
LO Frequency Range
1000 to 2700
MHz
LO Level
-6 to 0
dBm
LO to RF Output Leakage
-30
-20
dBm
RF to LO Isolation
30
dB
LO Input VSWR
2:1
50
Power Supply
Voltage
3.6±5%
V
Current Consumption
27
33
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com