Electronic Components Datasheet Search
  English  ▼

X  

RF9938 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9938
Description  PCS UPCONVERTER/BPSK MODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9938 Datasheet(HTML) 1 Page - RF Micro Devices

  RF9938 Datasheet HTML 1Page - RF Micro Devices RF9938 Datasheet HTML 2Page - RF Micro Devices RF9938 Datasheet HTML 3Page - RF Micro Devices RF9938 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ü
6-61
6
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
IF+
IF-
GND
LO+
RF OUT
VCC
GND
LO-
RF9938
PCS UPCONVERTER/BPSK MODULATOR
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/ WLAN 2400 Systems
• General Purpose Upconverter
• BPSK Modulation
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment
The RF9938 is a complete upconverter designed for PCS
applications. The IC contains a double-balanced mixer
stage and an output buffer amplifier stage. This device
may also be used to directly BPSK modulate a carrier.
The mixer is a Gilbert cell with emitter degeneration resis-
tors to provide high IP3. The output stage is a class-B,
push-pull configuration to reduce the overall current and
still provide a good 50
Ω output match. The unit operates
at 3.6V and is designed as part of the RFMD PCS CDMA
Chip Set, consisting of a Transmit IF AGC Amp, this
Transmit Upconverter, a Receive LNA/Mixer, and a
Receive IF AGC Amp.
• Supports Dual Mode Operation
• +8dBm Output Intercept Point
• Single 3.6V Power Supply
• Internally Matched Inputs and Outputs
• Buffered Output
• Double-Balanced Mixer
RF9938
PCS Upconverter/BPSK Modulator
RF9938 PCBA
Fully Assembled Evaluation Board
6
Rev A3 010720
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF9938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9908PCBA RFMD-RF9908PCBA Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
REYCONNS CHINA LIMITED
RF9913 REYCONNS-RF9913 Datasheet
489Kb / 5P
SAW Filter
logo
RF Micro Devices
RF9957 RFMD-RF9957 Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
RF9957PCBA RFMD-RF9957PCBA Datasheet
169Kb / 10P
CDMA/FM RECEIVE AGC AND DEMODULATOR
More results

Similar Description - RF9938

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
RF2608 RFMD-RF2608 Datasheet
46Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2628 RFMD-RF2628 Datasheet
60Kb / 6P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2641 RFMD-RF2641 Datasheet
96Kb / 6P
CDMA UPCONVERTER/BPSK MODULATOR
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
Tyco Electronics
MD59-0022 MACOM-MD59-0022 Datasheet
127Kb / 5P
PCS CDMA Upconverter / Driver 1710 1710.1910 MHz
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Linear Technology
DC365A LINER-DC365A_15 Datasheet
300Kb / 7P
UPCONVERTER MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com