Electronic Components Datasheet Search
  English  ▼

X  

BA5152F Datasheet(PDF) 4 Page - Rohm

Part # BA5152F
Description  1.5V / 15mW dual power amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5152F Datasheet(HTML) 4 Page - Rohm

  BA5152F Datasheet HTML 1Page - Rohm BA5152F Datasheet HTML 2Page - Rohm BA5152F Datasheet HTML 3Page - Rohm BA5152F Datasheet HTML 4Page - Rohm BA5152F Datasheet HTML 5Page - Rohm BA5152F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
370
Audio ICs
BA5152F
FComplete application example circuit
FCircuit description
(1)
Power supply block
The BA5152F has an internal power switch, so the VCC
terminal (pin 9) connects directly to the power source. Pin
13 is the power switch, and if it is left open, no bias current
flows in the circuit and the IC will not operate.
(2)
Mute circuit block
When pin 13 is connected to VCC, the IC starts up, but the
mute circuit operates to suppress a “pop” sound from be-
ing generated. The time constant of the power-on mute
circuit is determined by the capacitor connected between
pins 14 and 15. It is also possible to force the mute circuit
to operate by connecting pin 16 to VCC. There is no time
constant in this case.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com